Electronic Components Datasheet Search
  English  ▼

X  

LM3488 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3488
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3488 Datasheet HTML 16Page - Texas Instruments LM3488 Datasheet HTML 17Page - Texas Instruments LM3488 Datasheet HTML 18Page - Texas Instruments LM3488 Datasheet HTML 19Page - Texas Instruments LM3488 Datasheet HTML 20Page - Texas Instruments LM3488 Datasheet HTML 21Page - Texas Instruments LM3488 Datasheet HTML 22Page - Texas Instruments LM3488 Datasheet HTML 23Page - Texas Instruments LM3488 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
RSEN =
VSENSE
Vo - Vi
L x fS
x D
ISWLIMIT +
ISWLIMIT =
VSENSE - (D x(VSL + 'VSL))
RSEN
RSL >
40 PA
RSEN x (Vo - 2VIN)
2 x fS x L
- VSL
RSEN <
2 x VSL x fS x L
Vo - (2 x VIN)
RSEN =
VSENSE - (D x VSENSE x VSLratio)
ISWLIMIT
LM3488
LM3488-Q1
SNVS089M – JULY 2000 – REVISED MARCH 2013
www.ti.com
(18)
RSEN is part of the current mode control loop and has some influence on control loop stability. Therefore, once
the current limit threshold is set, loop stability must be verified. To verify stability, use the following equation:
(19)
If the selected RSEN is greater than this value, additional slope compensation must be added to ensure stability,
as described in CURRENT LIMIT WITH EXTERNAL SLOPE COMPENSATION.
CURRENT LIMIT WITH EXTERNAL SLOPE COMPENSATION
RSL is used to add additional slope compensation when required. It is not necessary in most designs and RSL
should be no larger than necessary. Select RSL according to the following equation:
where
•
RSEN is the selected value based on current limit. With RSL installed, the control signal includes additional
external slope to stabilize the loop, which will also have an effect on the current limit threshold. Therefore, the
current limit threshold must be re-verified, as illustrated in the equations below :
(20)
VCS = VSENSE – (D x (VSL + ΔVSL))
where
•
ΔVSL is the additional slope compensation generated and calculated as:
(21)
ΔVSL = 40 µA x RSL
(22)
This changes the equation for current limit (or RSEN) to:
(23)
The RSEN and RSL values may have to be calculated iteratively in order to achieve both the desired current limit
and stable operation. In some designs RSL can also help to filter noise on the ISEN pin.
If the inductor is selected such that ripple current is the recommended 30% value, and the current limit threshold
is 120% of the maximum peak, a simpler method can be used to determine RSEN. The equation below will
provide optimum stability without RSL, provided that the above 2 conditions are met:
(24)
POWER DIODE SELECTION
Observation of the boost converter circuit shows that the average current through the diode is the average load
current, and the peak current through the diode is the peak current through the inductor. The diode should be
rated to handle more than its peak current. The peak diode current can be calculated using the formula:
ID(Peak) = IOUT/ (1−D) + ΔIL
(25)
In the above equation, IOUT is the output current and ΔIL has been defined in Figure 33.
The peak reverse voltage for boost converter is equal to the regulator output voltage. The diode must be capable
of handling this voltage. To improve efficiency, a low forward drop schottky diode is recommended.
20
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com