Electronic Components Datasheet Search
  English  ▼

X  

LM3402 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3402 Datasheet HTML 16Page - Texas Instruments LM3402 Datasheet HTML 17Page - Texas Instruments LM3402 Datasheet HTML 18Page - Texas Instruments LM3402 Datasheet HTML 19Page - Texas Instruments LM3402 Datasheet HTML 20Page - Texas Instruments LM3402 Datasheet HTML 21Page - Texas Instruments LM3402 Datasheet HTML 22Page - Texas Instruments LM3402 Datasheet HTML 23Page - Texas Instruments LM3402 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
SW
LM3402
GND
CS
8V
VTRANSIENT
~ 0.67
5
Module
Connector
Module
Connector
500
5
1 k
5
SW
LM3402
GND
CS
8V
VTRANSIENT
~ 0.67
5
Module
Connector
Module
Connector
1 k
5
LM3402, LM3402HV
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
CS PIN PROTECTION WITH OVP
When designing output overvoltage protection into the switching converter circuit using a zener diode, transient
protection on the CS pin requires additional consideration. As shown in Figure 26, adding a zener diode from the
output to the CS pin (with the series resistor) for output overvoltage protection will now again allow the transient
energy to be passed through the CS pin’s ESD structure thereby damaging it.
Adding an additional series resistor to the CS pin as shown in Figure 27 will result in the majority of the transient
energy to pass through the sense resistor thereby protecting the LM340X device.
Figure 26. CS Pin with OVP, Transient Path
Figure 27. CS Pin with OVP, Transient Path with Protection
20
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com