Electronic Components Datasheet Search
  English  ▼

X  

LM3402 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3402 Datasheet HTML 18Page - Texas Instruments LM3402 Datasheet HTML 19Page - Texas Instruments LM3402 Datasheet HTML 20Page - Texas Instruments LM3402 Datasheet HTML 21Page - Texas Instruments LM3402 Datasheet HTML 22Page - Texas Instruments LM3402 Datasheet HTML 23Page - Texas Instruments LM3402 Datasheet HTML 24Page - Texas Instruments LM3402 Datasheet HTML 25Page - Texas Instruments LM3402 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
VIN
LM3402
GND
80V
VIN
Module
Connector
Module
Connector
TVS
CIN
Board Trace
Inductance
TVS or
smaller
zener diode
LM3402, LM3402HV
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
Figure 29. VIN Pin with Additional Input Protection
GENERAL COMMENTS REGARDING OTHER PINS
Any pin that goes “off-board” through a connector should have series resistance of at least 1k
Ω to 10kΩ in series
with it to protect it from ESD or other transients. These series resistors limit the peak current that can flow (or
cause a voltage drop) during a transient event, thus protecting the pin and the device. Pins that are not used
should not be left floating. They should instead be tied to GND or to an appropriate voltage through resistance.
Design Example 1: LM3402
The first example circuit will guide the user through component selection for an architectural accent lighting
application. A regulated DC voltage input of 24V ±10% will power a single 1W white LED at a forward current of
350 mA ±5%. The typical forward voltage of a 1W InGaN LED is 3.5V, hence the estimated average output
voltage will be 3.7V. The objective of this application is to place the complete current regulator and LED in the
compact space formerly occupied by an MR16 halogen light bulb. (The LED will be on a separate metal-core
PCB.) Switching frequency will be as fast as the 300 ns tON limit allows, with the emphasis on space savings over
efficiency. Efficiency cannot be ignored, however, as the confined space with little air-flow requires a maximum
temperature rise of 40°C in each circuit component. A complete bill of materials can be found in Table 1 at the
end of this datasheet.
22
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com