Electronic Components Datasheet Search
  English  ▼

X  

LM3405AXMYX Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3405AXMYX
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMYX Datasheet(HTML) 1 Page - Texas Instruments

  LM3405AXMYX Datasheet HTML 1Page - Texas Instruments LM3405AXMYX Datasheet HTML 2Page - Texas Instruments LM3405AXMYX Datasheet HTML 3Page - Texas Instruments LM3405AXMYX Datasheet HTML 4Page - Texas Instruments LM3405AXMYX Datasheet HTML 5Page - Texas Instruments LM3405AXMYX Datasheet HTML 6Page - Texas Instruments LM3405AXMYX Datasheet HTML 7Page - Texas Instruments LM3405AXMYX Datasheet HTML 8Page - Texas Instruments LM3405AXMYX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM3405A
VIN
VIN
EN/DIM
BOOST
SW
FB
GND
C3
L1
C2
R1
D1
C1
IF
ON
OFF
C4
VOUT
D2
D3
LM3405A
www.ti.com
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in
Tiny SOT and VSSOP PowerPAD Packages
Check for Samples: LM3405A
1
FEATURES
DESCRIPTION
The LM3405A is a 1A constant current buck LED
2
•
VIN Operating Range of 3V to 22V
driver designed to provide a simple, high efficiency
•
Drives up to 5 High-Brightness LEDs in Series
solution for driving high power LEDs. With a 0.205V
at 1A
reference voltage feedback control to minimize power
•
Thin SOT-6 package and VSSOP-8 PowerPAD
dissipation, an external resistor sets the current as
needed for driving various types of LEDs. Switching
Packages
frequency is internally set to 1.6MHz, allowing small
•
1.6MHz Switching Frequency
surface mount inductors and capacitors to be used.
•
EN/DIM Input for Enabling and PWM Dimming
The LM3405A utilizes current-mode control and
of LEDs
internal compensation offering ease of use and
predictable, high performance regulation over a wide
•
300m
Ω NMOS Switch
range of operating conditions. With a maximum input
•
40nA Shutdown Current at VIN = 5V
voltage of 22V, it can drive up to 5 High-Brightness
•
Internally Compensated Current-mode Control
LEDs in series at 1A forward current, with the single
•
Cycle-by-cycle Current Limit
LED
forward
voltage
of
approximately
3.7V.
Additional features include user accessible EN/DIM
•
Input Voltage UVLO
pin for enabling and PWM dimming of LEDs, thermal
•
Over-current Protection
shutdown, cycle-by-cycle current limit and over-
•
Thermal Shutdown
current protection.
APPLICATIONS
•
LED Driver
•
Constant Current Source
•
Industrial Lighting
•
LED Flashlights
•
LED Lightbulbs
TYPICAL APPLICATION CIRCUIT
Efficiency vs LED Current (VIN = 12V)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3405AXMYX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3405AXMYX NSC-LM3405AXMYX Datasheet
511Kb / 20P
1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405AXMYX/NOPB TI1-LM3405AXMYX/NOPB Datasheet
1Mb / 31P
1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
More results

Similar Description - LM3405AXMYX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3405 NSC-LM3405 Datasheet
447Kb / 2P
550kHz/1.6MHz 1A Constant Current Buck Regulator for Powering LEDs
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3405 NSC-LM3405_07 Datasheet
483Kb / 20P
1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3410XMF TI-LM3410XMF Datasheet
1Mb / 49P
525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3405A TI1-LM3405A_14 Datasheet
1Mb / 31P
1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
LM3410 TI1-LM3410_14 Datasheet
1Mb / 44P
525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Global Mixed-mode Techn...
G2620 GMT-G2620 Datasheet
140Kb / 1P
High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com