Electronic Components Datasheet Search
  English  ▼

X  

LM3405AXMYX Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3405AXMYX
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMYX Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3405AXMYX Datasheet HTML 8Page - Texas Instruments LM3405AXMYX Datasheet HTML 9Page - Texas Instruments LM3405AXMYX Datasheet HTML 10Page - Texas Instruments LM3405AXMYX Datasheet HTML 11Page - Texas Instruments LM3405AXMYX Datasheet HTML 12Page - Texas Instruments LM3405AXMYX Datasheet HTML 13Page - Texas Instruments LM3405AXMYX Datasheet HTML 14Page - Texas Instruments LM3405AXMYX Datasheet HTML 15Page - Texas Instruments LM3405AXMYX Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LM3405A
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
www.ti.com
Figure 18. Startup Response to VIN with 5ms Rise
Figure 19. Startup Response to VIN with EN/DIM
Time
Delayed
Figure 20. Startup Response to VIN with 200µs Rise Time
LED PWM DIMMING
The LED brightness can be controlled by applying a periodic pulse signal to the EN/DIM pin and varying its
frequency and/or duty cycle. This so-called PWM dimming method controls the average light output by pulsing
the LED current between the set value and zero. A logic high level at the EN/DIM pin turns on the LED current
whereas a logic low level turns off the LED current. Figure 21 shows a typical LED current waveform in PWM
dimming mode. As explained in the previous section, there is approximately a 100µs delay from the EN/DIM
signal going high to fully establishing the LED current as shown in Figure 22. This 100µs delay sets a maximum
frequency limit for the driving signal that can be applied to the EN/DIM pin for PWM dimming. Figure 23 shows
the average LED current versus duty cycle of PWM dimming signal for various frequencies. The applicable
frequency range to drive LM3405A for PWM dimming is from 100Hz to 5kHz. The dimming ratio reduces
drastically when the applied PWM dimming frequency is greater than 5kHz.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3405A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com