Electronic Components Datasheet Search
  English  ▼

X  

LM2676 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM2676
Description  LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2676 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2676 Datasheet HTML 12Page - Texas Instruments LM2676 Datasheet HTML 13Page - Texas Instruments LM2676 Datasheet HTML 14Page - Texas Instruments LM2676 Datasheet HTML 15Page - Texas Instruments LM2676 Datasheet HTML 16Page - Texas Instruments LM2676 Datasheet HTML 17Page - Texas Instruments LM2676 Datasheet HTML 18Page - Texas Instruments LM2676 Datasheet HTML 19Page - Texas Instruments LM2676 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
LM2676
SNVS031J – APRIL 2000 – REVISED APRIL 2013
www.ti.com
Step 6: From Table 10 a 3A Schottky diode must be selected. For surface mount diodes with a margin of safety
on the voltage rating one of five diodes can be used:
SK34
30BQ040
30WQ04F
MBRS340
MBRD340
Step 7: A 0.01
μF capacitor will be used for Cboost.
VSON PACKAGE DEVICES
The LM2676 is offered in the 14 lead VSON surface mount package to allow for a significantly decreased
footprint with equivalent power dissipation compared to the DDPAK. For details on mounting and soldering
specifications,
refer
to
Application
Note
AN-1187
at
www.ti.com/lsds/ti/analog/powermanagement/power_portal.page.
Inductor Selection Guides
For Continuous Mode Operation
Figure 21. LM2676-3.3
Figure 22. LM2676-5.0
Figure 23. LM2676-12
Figure 24. LM2676-ADJ
16
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com