Electronic Components Datasheet Search
  English  ▼

X  

LM2676 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM2676
Description  LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2676 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM2676 Datasheet HTML 20Page - Texas Instruments LM2676 Datasheet HTML 21Page - Texas Instruments LM2676 Datasheet HTML 22Page - Texas Instruments LM2676 Datasheet HTML 23Page - Texas Instruments LM2676 Datasheet HTML 24Page - Texas Instruments LM2676 Datasheet HTML 25Page - Texas Instruments LM2676 Datasheet HTML 26Page - Texas Instruments LM2676 Datasheet HTML 27Page - Texas Instruments LM2676 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
LM2676
SNVS031J – APRIL 2000 – REVISED APRIL 2013
www.ti.com
Table 13. Output Capacitors for Adjustable Output Voltage Applications—Through Hole(1)(2)
Through Hole
Inductance
Sanyo OS-CON SA
Output Voltage (V)
Sanyo MV-GX Series
Nichicon PL Series
Panasonic HFQ Series
(µH)
Series
No.
C Code
No.
C Code
No.
C Code
No.
C Code
33(3)
2
C3
5
C1
5
C3
3
C
1.21 to 2.50
47(3)
2
C2
4
C1
3
C3
2
C5
33(3)
1
C3
3
C1
3
C1
2
C5
2.5 to 3.75
47(3)
1
C2
2
C1
2
C3
1
C5
22
1
C3
3
C1
3
C1
2
C5
3.75 to 5
33
1
C2
2
C1
2
C1
1
C5
47
1
C2
2
C1
1
C3
1
C5
22
1
C5
2
C6
2
C3
2
C5
33
1
C4
1
C6
2
C1
1
C5
5 to 6.25
47
1
C4
1
C6
1
C3
1
C5
68
1
C4
1
C6
1
C1
1
C5
22
1
C5
1
C6
2
C1
1
C5
33
1
C4
1
C6
1
C3
1
C5
6.25 to 7.5
47
1
C4
1
C6
1
C1
1
C5
68
1
C4
1
C2
1
C1
1
C5
33
1
C7
1
C6
1
C14
1
C5
47
1
C7
1
C6
1
C14
1
C5
7.5 to 10
68
1
C7
1
C2
1
C14
1
C2
100
1
C7
1
C2
1
C14
1
C2
33
1
C7
1
C6
1
C14
1
C5
47
1
C7
1
C2
1
C14
1
C5
10 to 12.5
68
1
C7
1
C2
1
C9
1
C2
100
1
C7
1
C2
1
C9
1
C2
33
1
C9
1
C10
1
C15
1
C2
47
1
C9
1
C10
1
C15
1
C2
12.5 to 15
68
1
C9
1
C10
1
C15
1
C2
100
1
C9
1
C10
1
C15
1
C2
33
1
C10
1
C7
1
C15
1
C2
47
1
C10
1
C7
1
C15
1
C2
15 to 20
68
1
C10
1
C7
1
C15
1
C2
100
1
C10
1
C7
1
C15
1
C2
33
1
C7
1
C16
1
C2
47
1
C7
1
C16
1
C2
20 to 30
No Values Available
68
1
C7
1
C16
1
C2
100
1
C7
1
C16
1
C2
10
1
C12
1
C20
1
C10
15
1
C11
1
C20
1
C11
22
1
C11
1
C20
1
C10
30 to 37
No Values Available
33
1
C11
1
C20
1
C10
47
1
C11
1
C20
1
C10
68
1
C11
1
C20
1
C10
(1)
No. represents the number of identical capacitor types to be connected in parallel
(2)
C Code indicates the Capacitor Reference number in Table 3 and Table 4 for identifying the specific component from the manufacturer.
(3)
Set to a higher value for a practical design solution. See Application Hints section
24
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com