Electronic Components Datasheet Search
  English  ▼

X  

LM2665 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2665
Description  LM2665 Switched Capacitor Voltage Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2665 Datasheet(HTML) 3 Page - Texas Instruments

  LM2665 Datasheet HTML 1Page - Texas Instruments LM2665 Datasheet HTML 2Page - Texas Instruments LM2665 Datasheet HTML 3Page - Texas Instruments LM2665 Datasheet HTML 4Page - Texas Instruments LM2665 Datasheet HTML 5Page - Texas Instruments LM2665 Datasheet HTML 6Page - Texas Instruments LM2665 Datasheet HTML 7Page - Texas Instruments LM2665 Datasheet HTML 8Page - Texas Instruments LM2665 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM2665
www.ti.com
SNVS009F – NOVEMBER 1999 – REVISED MAY 2013
Electrical Characteristics (continued)
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: V+ = 5V, C1 = C2 = 3.3 μF.
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
(2)
(3)
(2)
VOEFF
Voltage Conversion Efficiency
No Load
99
99.96
%
Test Circuit
Figure 1. LM2665 Test Circuit
Typical Performance Characteristics
(Circuit of Figure 1, V+ = 5V unless otherwise specified)
Supply Current vs
Supply Current vs
Supply Voltage
Temperature
Figure 2.
Figure 3.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com