Electronic Components Datasheet Search
  English  ▼

X  

LM2642 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2642
Description  LM2642 Two-Phase Synchronous Step-Down Switching Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2642 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2642 Datasheet HTML 8Page - Texas Instruments LM2642 Datasheet HTML 9Page - Texas Instruments LM2642 Datasheet HTML 10Page - Texas Instruments LM2642 Datasheet HTML 11Page - Texas Instruments LM2642 Datasheet HTML 12Page - Texas Instruments LM2642 Datasheet HTML 13Page - Texas Instruments LM2642 Datasheet HTML 14Page - Texas Instruments LM2642 Datasheet HTML 15Page - Texas Instruments LM2642 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
40
1.E-02
1.E-01
1.E+00
1.E+01
LOAD CURRENT(A)
VIN=7V
VIN=22V
VIN=12V
50
60
70
80
90
100
40
1.E-02
1.E-01
1.E+00
1.E+01
LOAD CURRENT(A)
VIN=7V
VIN=22V
VIN=12V
50
60
70
80
90
100
700.0
JUNCTION TEMPEARTURE (
oC)
650.0
600.0
550.0
500.0
450.0
400.0
-40 -20
0
20
40
60 80 100 120 140
40
1.E-02
1.E-01
1.E+00
1.E+01
LOAD CURRENT(A)
VIN=7V
VIN=22V
VIN=12V
50
60
70
80
90
100
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (
oC)
1.234
1.236
1.238
1.240
1.242
1.244
1.232
320
315
310
305
300
295
290
-40
-20
0
20
40
60
80
100 120
285
280
275
270
TEMPERATURE (
oC)
LM2642
SNVS203I – MAY 2002 – REVISED APRIL 2013
www.ti.com
FB Reference Voltage
Operating Frequency
vs
vs
Temperature
Temperature
Figure 16.
Figure 17.
Efficiency
Error Amplifier Gain
vs
vs
Load Current
Temperature
Ch.1 = 5V, Ch.2 = Off
Figure 18.
Figure 19.
Efficiency
Efficiency
vs
vs
Load Current
Load Current
Ch.2 = 2.5V, Ch.1 = Off
Ch.2 = 3.3V, Ch.1 = Off
Figure 20.
Figure 21.
12
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com