Electronic Components Datasheet Search
  English  ▼

X  

LM2642 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2642
Description  LM2642 Two-Phase Synchronous Step-Down Switching Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2642 Datasheet(HTML) 2 Page - Texas Instruments

  LM2642 Datasheet HTML 1Page - Texas Instruments LM2642 Datasheet HTML 2Page - Texas Instruments LM2642 Datasheet HTML 3Page - Texas Instruments LM2642 Datasheet HTML 4Page - Texas Instruments LM2642 Datasheet HTML 5Page - Texas Instruments LM2642 Datasheet HTML 6Page - Texas Instruments LM2642 Datasheet HTML 7Page - Texas Instruments LM2642 Datasheet HTML 8Page - Texas Instruments LM2642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
RSNS1
SW1
HDRV1
CBOOT1
VDD1
LDRV1
VIN
PGND
LDRV2
VDD2
CBOOT2
HDRV2
SW2
RSNS2
KS2
ILIM2
COMP2
FB2
ON/SS2
ON/SS1
SGND
VLIN5
UVDELAY
PGOOD1
FB1
COMP1
ILIM1
KS1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LM2642
SNVS203I – MAY 2002 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
TOP VIEW
Figure 1. 28-Lead TSSOP
PIN DESCRIPTIONS
KS1 (Pin 1) The positive (+) Kelvin sense for the internal current sense amplifier of Channel 1. Use a separate
trace to connect this pin to the current sense point. It should be connected to VIN as close as possible to
the node of the current sense resistor. When no current-sense resistor is used, connect as close as
possible to the drain node of the upper MOSFET.
ILIM1 (Pin 2) Current limit threshold setting for Channel 1. It sinks a constant current of 10 µA, which is
converted to a voltage across a resistor connected from this pin to VIN. The voltage across the resistor is
compared with either the VDS of the top MOSFET or the voltage across the external current sense
resistor to determine if an over-current condition has occurred in Channel 1.
COMP1 (Pin 3) Compensation pin for Channel 1. This is the output of the internal transconductance amplifier.
The compensation network should be connected between this pin and the signal ground, SGND (Pin 8).
FB1 (Pin 4) Feedback input for channel 1. Connect to VOUT through a voltage divider to set the channel 1
output voltage.
PGOOD1 (Pin 5) An open-drain power-good output for Channel 1. It is 'LOW' (low impedance to ground)
whenever the output voltage of Channel 1 falls outside of a +15% to -9% window. PGOOD1 stays latched
in a 'LOW' state during OVP or UVP on either channel. It will recover to a 'HIGH' state (high impedance to
ground) after a Channel 1 output under-voltage event (<91%) when the output returns to within 6% of its
nominal value. See Operation Descriptions for details.
UV_DELAY (Pin 6) A capacitor from this pin to ground sets the delay time for UVP. The capacitor is charged
from a 5µA current source. When UV_DELAY charges to 2.3V (typical), the system immediately latches
off. Connecting this pin to ground will disable the output under-voltage protection.
VLIN5 (Pin 7) The output of an internal 5V LDO regulator derived from VIN. It supplies the internal bias for the
chip and supplies the bootstrap circuitry for gate drive. Bypass this pin to signal ground with a minimum of
4.7µF capacitor.
SGND (Pin 8) The ground connection for the signal-level circuitry. It should be connected to the ground rail of the
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com