Electronic Components Datasheet Search
  English  ▼

X  

LM828 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM828
Description  LM828 Switched Capacitor Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM828 Datasheet(HTML) 5 Page - Texas Instruments

  LM828 Datasheet HTML 1Page - Texas Instruments LM828 Datasheet HTML 2Page - Texas Instruments LM828 Datasheet HTML 3Page - Texas Instruments LM828 Datasheet HTML 4Page - Texas Instruments LM828 Datasheet HTML 5Page - Texas Instruments LM828 Datasheet HTML 6Page - Texas Instruments LM828 Datasheet HTML 7Page - Texas Instruments LM828 Datasheet HTML 8Page - Texas Instruments LM828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM828
www.ti.com
SNOS035D – MARCH 2010 – REVISED MAY 2013
Pin Functions
PIN DESCRIPTIONS
Pin
Name
Function
1
OUT
Negative voltage output.
2
V+
Power supply positive input.
3
CAP
−
Connect this pin to the negative terminal of the charge-pump capacitor.
4
GND
Power supply ground input.
5
CAP+
Connect this pin to the positive terminal of the charge-pump capacitor.
Circuit Description
The LM828 contains four large CMOS switches which are switched in a sequence to invert the input supply
voltage. Energy transfer and storage are provided by external capacitors. Figure 12 illustrates the voltage
conversion scheme. When S1 and S3 are closed, C1 charges to the supply voltage V+. During this time interval,
switches S2 and S4 are open. In the second time interval, S1 and S3 are open; at the same time, S2 and S4 are
closed, C1 is charging C2. After a number of cycles, the voltage across C2 will be pumped to V+. Since the anode
of C2 is connected to ground, the output at the cathode of C2 equals −(V+) when there is no load current. The
output voltage drop when a load is added is determined by the parasitic resistance (Rds(on) of the MOSFET
switches and the ESR of the capacitors) and the charge transfer loss between capacitors.
Figure 12. Voltage Inverting Principle
Application Information
SIMPLE NEGATIVE VOLTAGE CONVERTER
The main application of LM828 is to generate a negative supply voltage. The voltage inverter circuit uses only
two external capacitors as shown in the Basic Application Circuits. The range of the input supply voltage is 1.8V
to 5.5V.
The output characteristics of this circuit can be approximated by an ideal voltage source in series with a
resistance. The voltage source equals
−(V+). The output resistance, Rout , is a function of the ON resistance of
the internal MOSFET switches, the oscillator frequency, the capacitance and the ESR of both C1 and C2. Since
the switching current charging and discharging C1 is approximately twice as the output current, the effect of the
ESR of the pumping capacitor C1 will be multiplied by four in the output resistance. The output capacitor C2 is
charging and discharging at a current approximately equal to the output current, therefore, this ESR term only
counts once in the output resistance. A good approximation of Rout is:
(1)
where RSW is the sum of the ON resistance of the internal MOSFET switches shown in Figure 12.
High capacitance, low ESR capacitors will reduce the output resistance.
The peak-to-peak output voltage ripple is determined by the oscillator frequency, the capacitance and ESR of the
output capacitor C2:
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com