Electronic Components Datasheet Search
  English  ▼

X  

LM828 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM828
Description  LM828 Switched Capacitor Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM828 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM828 Datasheet HTML 2Page - Texas Instruments LM828 Datasheet HTML 3Page - Texas Instruments LM828 Datasheet HTML 4Page - Texas Instruments LM828 Datasheet HTML 5Page - Texas Instruments LM828 Datasheet HTML 6Page - Texas Instruments LM828 Datasheet HTML 7Page - Texas Instruments LM828 Datasheet HTML 8Page - Texas Instruments LM828 Datasheet HTML 9Page - Texas Instruments LM828 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LM828
SNOS035D – MARCH 2010 – REVISED MAY 2013
www.ti.com
(2)
Again, using a low ESR capacitor will result in lower ripple.
CAPACITOR SELECTION
The output resistance and ripple voltage are dependent on the capacitance and ESR values of the external
capacitors. The output voltage drop is the load current times the output resistance, and the power efficiency is
(3)
Where IQ(V+) is the quiescent power loss of the IC device, and IL
2R
out is the conversion loss associated with the
switch on-resistance, the two external capacitors and their ESRs.
The selection of capacitors is based on the specifications of the dropout voltage (which equals Iout Rout), the
output voltage ripple, and the converter efficiency. Low ESR capacitors (following table) are recommended to
maximize efficiency, reduce the output voltage drop and voltage ripple.
Low ESR Capacitor Manufacturers
Manufacturer
Phone
Capacitor Type
Nichicon Corp.
(708)-843-7500
PL & PF series, through-hole aluminum electrolytic
AVX Corp.
(803)-448-9411
TPS series, surface-mount tantalum
Sprague
(207)-324-4140
593D, 594D, 595D series, surface-mount tantalum
Sanyo
(619)-661-6835
OS-CON series, through-hole aluminum electrolytic
Murata
(800)-831-9172
Ceramic chip capacitors
Taiyo Yuden
(800)-348-2496
Ceramic chip capacitors
Tokin
(408)-432-8020
Ceramic chip capacitors
Other Applications
PARALLELING DEVICES
Any number of LM828s can be paralleled to reduce the output resistance. Each device must have its own
pumping capacitor C1, while only one output capacitor Cout is needed as shown in Figure 13. The composite
output resistance is:
(4)
Figure 13. Lowering Output Resistance by Paralleling Devices
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com