Electronic Components Datasheet Search
  English  ▼

X  

PT4564 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4564
Description  30-W 48-V Input Isolated DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4564 Datasheet(HTML) 1 Page - Texas Instruments

  PT4564 Datasheet HTML 1Page - Texas Instruments PT4564 Datasheet HTML 2Page - Texas Instruments PT4564 Datasheet HTML 3Page - Texas Instruments PT4564 Datasheet HTML 4Page - Texas Instruments PT4564 Datasheet HTML 5Page - Texas Instruments PT4564 Datasheet HTML 6Page - Texas Instruments PT4564 Datasheet HTML 7Page - Texas Instruments PT4564 Datasheet HTML 8Page - Texas Instruments PT4564 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4560 Series
30-W 48-V Input
Isolated DC/DC Converter
Standard Application
Cin
= Optional 100µF/100V electrolytic
Cout = Required 330µF electrolytic (See Notes)
Q
1
= N-Channel MOSFET
R
1/C1 = Optional (see application notes)
PT4560
2
19
7, 8, 9
14-17
4 - 6
10-12
13
L
O
A
D
C
IN
+
V
O Ad j ust
+V
IN
Inhibit
+REMOTE SENSE
–REMOTE SENSE
+V
O
–V
O
–V
IN
Q
1
C
OUT
+
18
R
1
C
1
Features
• Input Voltage Range:
36V to 75V
• 1500 VDC Isolation
• On/Off Control
• Vo Adjust
• Differential Remote Sense
• Current Limit
• Short-Circuit Protection
• Over-Temperature Shutdown
Description
The PT4560 series is a single-output
isolated DC/DC converter, housed in a
19-pin space-saving package. These mod-
ules are UL, CSA, and VDE approved
for telecom applications, and rated at
30 watts or 8 A. Standard output voltages
range from 1.8 V to 15 V, each adjustable
by up to ±10% of nominal.
Operating features include a remote
on/off control, an under-voltage-lockout
(UVLO), and a differential remote sense.
The PT4560 series also incorporates
many protection features. These include
output current limit, short-circuit pro-
tection, and over-temperature shutdown.
PT4560 requires a 330µF of output
capacitance for proper operation.
Ordering Information
PT4561
H = 3.3V/8A (26.4W)
PT4562
H = 5.0V/6A
PT4563
H = 12.0V/2.5A
PT4564
H = 15.0V/2A
PT4565
H = 2.0V/8A (16W)
PT4566
H = 2.5V/8A (20W)
PT4567
H = 1.8V/8A (14.4W)
PT4568
H = 5.2V/6A
PT4571
H = 9.0V/3.3A
Pin-Out Information
Pin Function
1
Do Not Use
2
Remote On/Off †
3
Do Not Use
4-Vin
5-Vin
6-Vin
7+Vin
8+Vin
9+Vin
10
-Vo
11
-Vo
12
-Vo
13
-Remote Sense
14
+Vo
15
+Vo
16
+Vo
17
+Vo
18
Vo Adjust †
19
+Remote Sense
† For more information,
see application notes.
SLTS097C
(Revised 3/14/2002)
• Undervoltage Lockout
• Space-Saving Package
• Solderable Copper Case
• UL1950 Recognized
• CSA 22.2 950 Certified
• EN60950 Approved
• VDE Licensed
• 4.9 x106 Hrs MTBF
• Meets FCC Class A
Radiated Limits
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
N
(END)
Horizontal
A
(ENA)
SMD
C
(ENC)
* Previously known as package styles 1400 &
1410.
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
Not Recommended For New Designs


Similar Part No. - PT4564

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4564 TI-PT4564 Datasheet
243Kb / 10P
30-W 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT4564

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
35-W 48-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
30-W 24/48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
20-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT4400 TI-PT4400 Datasheet
218Kb / 10P
75-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3322A TI-PT3322A Datasheet
184Kb / 9P
30-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com