Electronic Components Datasheet Search
  English  ▼

X  

PT4564 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4564
Description  30-W 48-V Input Isolated DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4564 Datasheet(HTML) 3 Page - Texas Instruments

  PT4564 Datasheet HTML 1Page - Texas Instruments PT4564 Datasheet HTML 2Page - Texas Instruments PT4564 Datasheet HTML 3Page - Texas Instruments PT4564 Datasheet HTML 4Page - Texas Instruments PT4564 Datasheet HTML 5Page - Texas Instruments PT4564 Datasheet HTML 6Page - Texas Instruments PT4564 Datasheet HTML 7Page - Texas Instruments PT4564 Datasheet HTML 8Page - Texas Instruments PT4564 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the DC-DC Converter.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperature.
PT4562, 5.0 VDC (See Note A)
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT4561, 3.3 VDC (See Note A)
Safe Operating Area, Vin =48V (See Note B)
Safe Operating Area, Vin =48V (See Note B)
PT4560 Series
30-W 48-V Input
Isolated DC/DC Converter
PT4567, 1.8 VDC (See Note A)
Typical Characteristics
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Safe Operating Area, Vin =48V (See Note B)
50
55
60
65
70
75
80
0
2468
Iout (A)
36.0V
48.0V
60.0V
75.0V
VIN
0
2
4
6
8
02468
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
0
4
8
12
16
20
024
68
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
0
10
20
30
40
50
02468
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
0
2
4
6
8
0
2468
Iout (A)
75.0V
60.0V
36.0V
48.0V
V
IN
50
60
70
80
90
024
68
Iout (A)
48.0V
36.0V
60.0V
75.0V
V
IN
40
50
60
70
80
90
012
34
56
Iout (A)
48.0V
60.0V
36.0V
75.0V
VIN
0
1
2
3
4
5
6
7
01
23
4
56
Iout (A)
75.0V
36.0V
60.0V
48.0V
V
IN
0
10
20
30
40
50
60
012
34
56
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
20
30
40
50
60
70
80
90
0.0
2.0
4.0
6.0
8.0
Iout (A)
200LFM
120LFM
60LFM
Nat Conv
Airflow
20
30
40
50
60
70
80
90
02
46
8
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0123456
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com