Electronic Components Datasheet Search
  English  ▼

X  

OPA344 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA344
Description  LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA344 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA344 Datasheet HTML 5Page - Texas Instruments OPA344 Datasheet HTML 6Page - Texas Instruments OPA344 Datasheet HTML 7Page - Texas Instruments OPA344 Datasheet HTML 8Page - Texas Instruments OPA344 Datasheet HTML 9Page - Texas Instruments OPA344 Datasheet HTML 10Page - Texas Instruments OPA344 Datasheet HTML 11Page - Texas Instruments OPA344 Datasheet HTML 12Page - Texas Instruments OPA344 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
SBOS107A
OPA344, 2344, 4344
OPA345, 2345, 4345
9
APPLICATIONS INFORMATION
OPA344 series op amps are unity gain stable and can operate
on a single supply, making them highly versatile and easy to
use. OPA345 series op amps are optimized for applications
requiring higher speeds with gains of 5 or greater.
Rail-to-rail input and output swing significantly increases
dynamic range, especially in low supply applications. Figure
1 shows the input and output waveforms for the OPA344 in
unity-gain configuration. Operation is from VS = +5V with
a 10k
Ω load connected to V
S/2. The input is a 5Vp-p
sinusoid. Output voltage is approximately 4.997Vp-p.
Power supply pins should be bypassed with 0.01
µF ceramic
capacitors.
OPERATING VOLTAGE
OPA344 and OPA345 series op amps are fully specified and
ensured from +2.7V to +5.5V. In addition, many specifica-
tions apply from –40ºC to +85ºC. Parameters that vary
significantly with operating voltages or temperature are
shown in the Typical Performance Curves.
RAIL-TO-RAIL INPUT
The input common-mode voltage range of the OPA344 and
OPA345 series extends 300mV beyond the supply rails.
This is achieved with a complementary input stage—an N-
channel input differential pair in parallel with a P-channel
differential pair (see Figure 2). The N-channel pair is active
for input voltages close to the positive rail, typically (V+) –
1.3V to 300mV above the positive supply, while the P-
channel pair is on for inputs from 300mV below the negative
supply to approximately (V+) –1.3V. There is a small
transition region, typically (V+) – 1.5V to (V+) – 1.1V, in
which both pairs are on. This 400mV transition region can
vary 300mV with process variation. Thus, the transition
region (both stages on) can range from (V+) – 1.8V to (V+)
– 1.4V on the low end, up to (V+) – 1.2V to (V+) – 0.8V on
the high end. Within the 400mV transition region PSRR,
CMRR, offset voltage, offset drift, and THD may be de-
graded compared to operation outside this region. For more
information on designing with rail-to-rail input op amps, see
Figure 3 “Design Optimization with Rail-to-Rail Input Op
Amps.”
FIGURE 2. Simplified Schematic.
V
BIAS1
V
BIAS2
V
IN+
V
IN–
Class AB
Control
Circuitry
V
O
V–
(Ground)
V+
Reference
Current
FIGURE 1. Rail-to-Rail Input and Output.
5
µs/div
Output (inverted on scope)
Input
G = +1, VS = +5V
5V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com