Electronic Components Datasheet Search
  English  ▼

X  

OPA344 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA344
Description  LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA344 Datasheet(HTML) 3 Page - Texas Instruments

  OPA344 Datasheet HTML 1Page - Texas Instruments OPA344 Datasheet HTML 2Page - Texas Instruments OPA344 Datasheet HTML 3Page - Texas Instruments OPA344 Datasheet HTML 4Page - Texas Instruments OPA344 Datasheet HTML 5Page - Texas Instruments OPA344 Datasheet HTML 6Page - Texas Instruments OPA344 Datasheet HTML 7Page - Texas Instruments OPA344 Datasheet HTML 8Page - Texas Instruments OPA344 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
SBOS107A
OPA344, 2344, 4344
OPA345, 2345, 4345
3
SPECIFICATIONS: VS = 2.7V to 5.5V
At TA = +25°C, RL = 10kΩ connected to VS /2 and VOUT = VS /2, unless otherwise noted.
Boldface limits apply over the temperature range, TA = –40°C to +85°C.
OPA345NA, UA
OPA2345EA, UA
OPA4345EA, UA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = +5.5V, VCM = VS/2
±0.2
±1mV
Over Temperature
±0.8
±1.2
mV
vs Temperature
dVOS/dT
±3
µV/°C
vs Power Supply
PSRR
VS = 2.7V to 5.5V, VCM < (V+) -1.8V
30
200
µV/V
Over Temperature
VS = 2.7V to 5.5V, VCM < (V+) -1.8V
250
µV/V
Channel Separation, dc
0.2
µV/V
f = 1kHz
130
dB
INPUT BIAS CURRENT
Input Bias Current
IB
±0.2
±10
pA
Over Temperature
See Typical Curve
pA
Input Offset Current
IOS
±0.2
±10
pA
NOISE
Input Voltage Noise
f = 0.1 to 50kHz
8
µVrms
Input Voltage Noise Density
en
f = 10kHz
30
nV/
√Hz
Current Noise Density
in
f = 10kHz
0.5
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
–0.3
(V+) + 0.3
V
Common-Mode Rejection Ratio
CMRR
VS = +5.5V, –0.3V < VCM < (V+)-1.8
76
92
dB
Over Temperature
VS = +5.5V, –0.3V < VCM < (V+)-1.8
74
dB
Common-Mode Rejection Ratio
CMRR
VS = +5.5V, –0.3V < VCM < 5.8V
70
84
dB
Over Temperature
VS = +5.5V, –0.3V < VCM < 5.8V
68
dB
Common-Mode Rejection Ratio
CMRR
VS = +2.7V, –0.3V < VCM < 3V
66
80
dB
Over Temperature
VS = +2.7V, –0.3V < VCM < 3V
64
dB
INPUT IMPEDANCE
Differential
1013 || 3
Ω || pF
Common-Mode
1013 || 6
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 100kΩ, 10mV < VO < (V+) –10mV
104
122
dB
Over Temperature
RL = 100kΩ, 10mV < VO < (V+) –10mV
100
dB
RL = 5kΩ, 400mV < VO < (V+) –400mV
96
120
dB
Over Temperature
RL = 5kΩ, 400mV < VO < (V+) –400mV
90
dB
FREQUENCY RESPONSE
CL = 100pF
Gain-Bandwidth Product
GBW
3
MHz
Slew Rate
SR
2
V/
µs
Settling Time, 0.1%
G = 5, 2V Output Step
1.5
µs
0.01%
G = 5, 2V Output Step
1.6
µs
Overload Recovery Time
VIN • G = VS
2.5
µs
Total Harmonic Distortion + Noise
THD+N
VS = 5.5V, VO = 2.5Vp-p, G = 5, f = 1kHz
0.006
%
OUTPUT
Voltage Output Swing from Rail(1)
RL = 100kΩ, AOL ≥ 96dB
1
mV
RL = 100kΩ, AOL ≥ 104dB
3
10
mV
Over Temperature
RL = 100kΩ, AOL ≥ 100dB
10
mV
RL = 5kΩ, AOL ≥ 96dB
40
400
mV
Over Temperature
RL = 5kΩ, AOL ≥ 90dB
400
mV
Short-Circuit Current
ISC
±15
mA
Capacitive Load Drive
CLOAD
See Typical Curve
POWER SUPPLY
Specified Voltage Range
VS
2.7
5.5
V
Operating Voltage Range
2.5 to 5.5
V
Quiescent Current (per amplifier)
IQ
VS = 5.5V, IO = 0
150
250
µA
Over Temperature
300
µA
TEMPERATURE RANGE
Specified Range
–40
85
°C
Operating Range
–55
125
°C
Storage Range
–65
150
°C
Thermal Resistance
θ
JA
SOT23-5 Surface Mount
200
°C/W
MSOP-8 Surface Mount
150
°C/W
SO-8 Surface Mount
150
°C/W
TSSOP-14 Surface Mount
100
°C/W
SO-14 Surface Mount
100
°C/W
NOTE: (1) Output voltage swings are measured between the output and power-supply rails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com