Electronic Components Datasheet Search
  English  ▼

X  

PCM63P-J Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM63P-J
Description  Colinear 20-Bit Monolithic Audio IGITAL-TO-ANALOG CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM63P-J Datasheet(HTML) 2 Page - Texas Instruments

  PCM63P-J Datasheet HTML 1Page - Texas Instruments PCM63P-J Datasheet HTML 2Page - Texas Instruments PCM63P-J Datasheet HTML 3Page - Texas Instruments PCM63P-J Datasheet HTML 4Page - Texas Instruments PCM63P-J Datasheet HTML 5Page - Texas Instruments PCM63P-J Datasheet HTML 6Page - Texas Instruments PCM63P-J Datasheet HTML 7Page - Texas Instruments PCM63P-J Datasheet HTML 8Page - Texas Instruments PCM63P-J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
PCM63P
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS
ELECTRICAL
All specifications at 25
°C and ±V
A and ±VD = ±5V, unless otherwise noted.
PCM63P, PCM63P-J, PCM63P-K
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
20
Bits
DYNAMIC RANGE,
ΤΗD+Ν at –60dB Referred to Full Scale
PCM63P
96
100
dB
PCM63P-J
100
104
dB
PCM63P-K
104
108
dB
DIGITAL INPUT
Logic Family
TTL/CMOS Compatible
Logic Level: VIH
+2.4
+VD
V
VIL
0
0.8
V
IIH
VIH = +2.7V
+1
µA
IIL
VIL = +0.4V
–50
µA
Data Format
Serial, MSB First, BTC(1)
Input Clock Frequency
12.5
25
MHz
TOTAL HARMONIC DISTORTION + N(2), Without Adjustments
PCM63P
f = 991Hz (0dB)(3)
fS = 352.8kHz(4)
–92
–88
dB
f = 991Hz (–20dB)
fS = 352.8kHz
–80
–74
dB
f = 991Hz (–60dB)
fS = 352.8kHz
–40
–36
dB
PCM63P-J
f = 991Hz (0dB)
fS = 352.8kHz
–96
–92
dB
f = 991Hz (–20dB)
fS = 352.8kHz
–82
–76
dB
f = 991Hz (–60dB)
fS = 352.8kHz
–44
–40
dB
PCM63P-K
f = 991Hz (0dB)
fS = 352.8kHz
–100
–96
dB
f = 991Hz (–20dB)
fS = 352.8kHz
–88
–82
dB
f = 991Hz (–60dB)
fS = 352.8kHz
–48
–44
dB
ACCURACY
Level Linearity
at –90dB Signal Level
±0.3
±1dB
Gain Error
±1
±2%
Bipolar Zero Error(5)
±12
µA
Gain Drift
0
°C to 70°C
25
ppm/
°C
Bipolar Zero Drift
0
°C to 70°C
4
ppm of FSR/
°C
Warm-up Time
1
Minute
IDLE CHANNEL SNR(6)
20Hz to 20kHz at BPZ(7)
+116
+120
dB
POWER SUPPLY REJECTION
+86
dB
ANALOG OUTPUT
Output Range
±2.00
mA
Output Impedance
670
Ω
Internal RFEEDBACK
1.5
k
Ω
Settling Time
2mA Step
200
ns
Glitch Energy
No Glitch Around Zero
POWER SUPPLY REQUIREMENTS
±V
A, ±VD Supply Voltage Range
±4.50
±5
±5.50
V
+IA, +ID Combined Supply Current
+VA, +VD = +5V
10
15
mA
–IA, –ID Combined Supply Current
–VA, –VD = –5V
–35
–45
mA
Power Dissipation
±V
A, ±VD = ±5V
225
300
mW
TEMPERATURE RANGE
Specification
0
+70
°C
Operating
–40
+85
°C
Storage
–60
+100
°C
NOTES: (1) Binary Two’s Complement coding. (2) Ratio of (DistortionRMS + NoiseRMS) / SignalRMS. (3) D/A converter output frequency (signal level). (4) D/A
converter sample frequency (8 x 44.1kHz; 8x oversampling). (5) Offset error at bipolar zero. (6) Measured using an OPA27 and 1.5k
Ω feedback and an A-weighted
filter. (7) Bipolar Zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com