Electronic Components Datasheet Search
  English  ▼

X  

PCM63P-J Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM63P-J
Description  Colinear 20-Bit Monolithic Audio IGITAL-TO-ANALOG CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM63P-J Datasheet(HTML) 3 Page - Texas Instruments

  PCM63P-J Datasheet HTML 1Page - Texas Instruments PCM63P-J Datasheet HTML 2Page - Texas Instruments PCM63P-J Datasheet HTML 3Page - Texas Instruments PCM63P-J Datasheet HTML 4Page - Texas Instruments PCM63P-J Datasheet HTML 5Page - Texas Instruments PCM63P-J Datasheet HTML 6Page - Texas Instruments PCM63P-J Datasheet HTML 7Page - Texas Instruments PCM63P-J Datasheet HTML 8Page - Texas Instruments PCM63P-J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
®
PCM63P
ORDERING INFORMATION
TEMPERATURE
MAX THD+N,
PRODUCT
PACKAGE
RANGE
AT 0dB
PCM63P
28-Pin Plastic DIP
0
°C to +70°C
–88dB
PCM63P-J
28-Pin Plastic DIP
0
°C to +70°C
–92dB
PCM63P-K
28-Pin Plastic DIP
0
°C to +70°C
–96dB
PIN ASSIGNMENTS
PIN
DESCRIPTION
MNEMONIC
P1
Servo Amp Decoupling Capacitor
CAP
P2
+5V Analog Supply Voltage
+VA
P3
Reference Decoupling Capacitor
CAP
P4
Offset Decoupling Capacitor
CAP
P5
Bipolar Offset Current Output (+2mA)
BPO
P6
DAC Current Output (0 to –4mA)
IOUT
P7
Analog Common Connection
ACOM
P8
No Connection
NC
P9
Feedback Resistor Connection (1.5k
Ω)RF
1
P10
Feedback Resistor Connection (1.5k
Ω)RF
2
P11
–5V Digital Supply Voltage
–VD
P12
Digital Common Connection
DCOM
P13
+5V Digital Voltage Supply
+VD
P14
No Connection
NC
P15
No Connection
NC
P16
No Connection
NC
P17
No Connection
NC
P18
DAC Data Clock Input
CLK
P19
No Connection
NC
P20
DAC Data Latch Enable
LE
P21
DAC Data Input
DATA
P22
No Connection
NC
P23
Optional Upper DAC Bit-2 Adjust (–4.29V)*
UB2 Adj
P24
Optional Lower DAC Bit-2 Adjust (–4.29V)*
LB2 Adj
P25
Bit Adjust Reference Voltage Tap (–3.52V)*
VPOT
P26
No Connection
NC
P27
No Connection
NC
P28
–5V Analog Supply Voltage
–VA
*Nominal voltages at these nodes assuming
±V
A; ±VD = ±5V.
ABSOLUTE MAXIMUM RATINGS
+VA, +VD to ACOM/DCOM ........................................................ 0V to +8V
–VA, –VD to ACOM/DCOM ........................................................ 0V to –8V
–VA, –VD to +VA, +VD ............................................................. 0V to +16V
ACOM to DCOM ...............................................................................
±0.5V
Digital Inputs (pins 18, 20, 21) to DCOM ............................... –1V to +VD
Power Dissipation .......................................................................... 500mW
Lead Temperature, (soldering, 10s) .............................................. +300
°C
Max Junction Temperature .............................................................. 165
°C
Thermal Resistance,
θ
JA ............................................................... 70°C/W
NOTE: Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
PCM63P
28-Pin Plastic DIP
215
PCM63P-J
28-Pin Plastic DIP
215
PCM63P-K
28-Pin Plastic DIP
215
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.



Html Pages

1 2 3 4 5 6 7 8 9 10 11