Electronic Components Datasheet Search
  English  ▼

X  

PCM1725D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1725D
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1725D Datasheet(HTML) 1 Page - Texas Instruments

  PCM1725D Datasheet HTML 1Page - Texas Instruments PCM1725D Datasheet HTML 2Page - Texas Instruments PCM1725D Datasheet HTML 3Page - Texas Instruments PCM1725D Datasheet HTML 4Page - Texas Instruments PCM1725D Datasheet HTML 5Page - Texas Instruments PCM1725D Datasheet HTML 6Page - Texas Instruments PCM1725D Datasheet HTML 7Page - Texas Instruments PCM1725D Datasheet HTML 8Page - Texas Instruments PCM1725D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
®
1
PCM1725
Stereo Audio
DIGITAL-TO-ANALOG CONVERTER
16 Bits, 96kHz Sampling
TM
PCM1725
DESCRIPTION
The PCM1725 is a complete low cost stereo audio
digital-to-analog converter (DAC), operating off of a
256fS or 384fS system clock. The DAC contains a 3rd-
order
∆Σ modulator, a digital interpolation filter, and
an analog output amplifier. The PCM1725 accepts
16-bit input data in either normal or I2S formats.
The digital filter performs an 8X interpolation function
and includes de-emphasis at 44.1kHz. The PCM1725
can accept digital audio sampling frequencies from
16kHz to 96kHz, always at 8X oversampling.
The PCM1725 is ideal for low-cost, CD-quality con-
sumer audio applications.
®
FEATURES
q COMPLETE STEREO DAC: Includes Digital
Filter and Output Amp
q DYNAMIC RANGE: 95dB
q MULTIPLE SAMPLING FREQUENCIES:
16kHz to 96kHz
q 8X OVERSAMPLING DIGITAL FILTER
q SYSTEM CLOCK: 256f
S / 384fS
q NORMAL OR I2S DATA INPUT FORMATS
q SMALL 14-PIN SOIC PACKAGE
PCM1725
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
Serial
Input
I/F
Mode
Control
I/F
8X Oversampling
Digital Filter
SCKI
256f
S/384fS
V
CC
GND
Multi-level
Delta-Sigma
Modulator
V
OUTL
CAP
DAC
Multi-level
Delta-Sigma
Modulator
Low-pass
Filter
Low-pass
Filter
V
OUTR
DAC
FORMAT
LRCIN
DIN
BCKIN
DM
Power Supply
© 1997 Burr-Brown Corporation
PDS-1373C
Printed in U.S.A. January, 1998
SBAS067
Not Recommended For New Designs


Similar Part No. - PCM1725D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1725D TI1-PCM1725D Datasheet
647Kb / 14P
DIGITAL-TO-ANALOG CONVERTER
PCM1725D TI2-PCM1725D Datasheet
228Kb / 15P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
23-May-2025
PCM1725D.B TI2-PCM1725D.B Datasheet
228Kb / 15P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
23-May-2025
PCM1725DR TI1-PCM1725DR Datasheet
647Kb / 14P
DIGITAL-TO-ANALOG CONVERTER
PCM1725DR TI2-PCM1725DR Datasheet
228Kb / 15P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
23-May-2025
More results

Similar Description - PCM1725D

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1717 BURR-BROWN-PCM1717 Datasheet
126Kb / 14P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com