Electronic Components Datasheet Search
  English  ▼

X  

PCM1750U Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM1750U
Description  Dual CMOS 18-Bit Monolithic Audio NALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1750U Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1750U Datasheet HTML 13Page - Texas Instruments PCM1750U Datasheet HTML 14Page - Texas Instruments PCM1750U Datasheet HTML 15Page - Texas Instruments PCM1750U Datasheet HTML 16Page - Texas Instruments PCM1750U Datasheet HTML 17Page - Texas Instruments PCM1750U Datasheet HTML 18Page - Texas Instruments PCM1750U Datasheet HTML 19Page - Texas Instruments PCM1750U Datasheet HTML 20Page - Texas Instruments PCM1750U Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
®
PCM1750
USING AN EXTERNAL REFERENCE
Normally VREFOUT is connected directly to VREFIN. The
typical value for VREF versus Temperature is shown in the
Typical Performance Curves. If better drift or power supply
rejection performance is desired, one of the external refer-
ence circuits shown in Figures 8b and 8c can be used. Note
that the decoupling capacitors are still connected to VREFIN.
External gain adjustment is now possible by using the
variable output options available on some precision voltage
references or by varying the gain on external buffer ampli-
fiers. The range of acceptable external references is from
+2.0V to +VA – 2.0V, with 2.5V types being the most
commonly available. Full scale input voltage range will be
±VREF
IN (a +2.5V VREFIN results in a ±2.5V input range).
If an external reference is used, P19 and P24 must be
bypassed with at least 1
µF capacitors.
SAMPLING A/D SYSTEM
Figure 9 is a partial schematic of the demonstration fixture
for the PCM1750 (orderable by model number DEM1133).
It shows the implementation of (1) a 6th order, linear-phase,
anti-aliasing filter (22kHz low-pass); (2) the PCM1750P
A/D converter; and (3) a 4x digital decimation filter called
the DF1750P. Not shown on this schematic, but included on
the demo fixture, are latched parallel data outputs with
strobe and a serial digital interface format (SPDIF) data
transmitter. Also included on the DEM1133 are user bread-
board areas for application specific circuit implementation.
CONNECTION TO DSP WITH DIGITAL FILTER
The PCM1750 and DF1750 combination can be connected to
the serial ports of most popular DSP processor ICs (such as
those made by AT&T, Motorola, TI, and AD) by adding a
small amount of external glue logic. Figures 10 and 11 show
the timing diagram and schematic for this interface.
To use this interface, the DSP processor IC must be configured
for 32-bit word inputs. The glue logic generates a flag bit, as
the first bit of the 32-bit word, that signifies either left or right
channel data. The flag bit will be low for left channel data and
high for right channel data.
The DF1750 can be configured for either 16- or 20-bit data,
although only 16-bit data is shown in Figure 10. After the data
is transferred into the DSP processor IC, it must be shifted
toward the LSB by one bit in order to compensate for a clock
delay in the glue logic.
FIGURE 10. PCM1750/DF1750 To DSP IC Timing Diagram.
LRCK
(LRPOL = H)
WDCK
Frame Syn L
Flag Enable
Bit Clock
Data to DSP
DATA
DATA
Channel Flag (Right Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com