Electronic Components Datasheet Search
  English  ▼

X  

PCM1750U Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1750U
Description  Dual CMOS 18-Bit Monolithic Audio NALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1750U Datasheet(HTML) 2 Page - Texas Instruments

  PCM1750U Datasheet HTML 1Page - Texas Instruments PCM1750U Datasheet HTML 2Page - Texas Instruments PCM1750U Datasheet HTML 3Page - Texas Instruments PCM1750U Datasheet HTML 4Page - Texas Instruments PCM1750U Datasheet HTML 5Page - Texas Instruments PCM1750U Datasheet HTML 6Page - Texas Instruments PCM1750U Datasheet HTML 7Page - Texas Instruments PCM1750U Datasheet HTML 8Page - Texas Instruments PCM1750U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
®
PCM1750
2
SPECIFICATIONS
ELECTRICAL
At 25
°C, and ±V
A = ±5.0V; +VD = +5.0V, unless otherwise noted. Where relevant, specifications apply to both left and right input/output channels.
NOTES: (1) Binary Two’s Complement coding. (2) The PCM1750 is tested and guaranteed at 5.2
µs, however it will operate at 4.5µs. The dynamic performance is not
guaranteed or tested at this conversion rate. (3) Ratio of SignalRMS / (DistortionRMS + NoiseRMS). (4) A/D converter sample frequency (4 x 48kHz; 4X oversampling per
channel). (5) A/D converter input frequency (signal level). (6) Referred to input signal level. (7) Ratio of (DistortionRMS + NoiseRMS) / SignalRMS. (8) Externally adjustable
to zero error. (9) Differential non-linearity error at bipolar major carry input code. Externally adjustable to zero error. (10) Full scale range (5.50V). (11) Refer to equivalent
circuit in Figure 1. (12) Worst case operating condition. Refer to typical performance curves.
PCM1750P, U
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
18
Bits
DYNAMIC RANGE
THD + N at –60dB Referred to Full Scale
+88
+90
dB
ANALOG INPUT
Input Range
±2.75
V
Input Capacitance
20
pF
Aperture Delay
10
ns
Aperture Uncertainty (Jitter)
50
psrms
Full Power Input Bandwidth
500
kHz
DIGITAL INPUT/OUTPUT
Logic Family
CMOS Compatible
Logic Level: VIH
IIH = ±5µA
+3.5
+VD + 0.3
V
VIL
IIL = ±5µA
–0.3
+1.5
V
VOH
ISOURCE = 1.0mA
+2.7
+4.7
V
VOL
ISINK = 3.2mA
+0.2
+0.4
V
Output Data Format
Serial, MSB First, BTC(1)
Convert Command
Positive Edge
Convert Command Pulse Width
81
ns
Conversion Time
Throughput Including Sample/Hold(2)
4.5
5.2
20.8
µs
DYNAMIC CHARACTERISTICS (20Hz to 24kHz; 4X data decimated to 1X)
Signal-to-Noise Ratio(3)
fs = 192kHz(4); fIN = 1kHz (0dB)(5)
+88
+90
dB(6)
Total Harmonic Distortion + N(7)
Without External Adjustments
fIN = 1kHz (0dB)
fs = 192kHz
–90
–88
dB
fIN = 1kHz (–20dB)
fs = 192kHz
–70
–68
dB
fIN = 1kHz (–60dB)
fs = 192kHz
–30
–28
dB
Channel Separation
fs = 192kHz; fIN = 1kHz (0dB) and 0V
+96
+108
dB
ACCURACY
Gain Error
±2
±5%
Gain Mismatch
Channel to Channel
±0.5
±2.0
%
BPZ (Bipolar Zero) Error(8)
±2mV
BPZ Error Mismatch
Channel to Channel
±3mV
BPZ Differential Linearity Error(9)
±0.002
% of FSR(10)
Linearity Error
±0.003
% of FSR
Warm-up Time
1ms
DRIFT (With Internal Reference)
Gain
0
°C to 70°C
±50
ppm/
°C
Bipolar Zero
0
°C to 70°C
±10
ppm of FSR/
°C
DRIFT (Exclusive of Internal Reference)
Gain
0
°C to 70°C
±10
ppm/
°C
Bipolar Zero
0
°C to 70°C
±3
ppm of FSR/
°C
REFERENCE
VREF Output (Pins 19, 24):
Voltage
+2.75
V
Current
±100
µA
Impedance
0.2
Ω
Accuracy
±25
mV
Drift
0
°C to 70°C
±50
ppm/
°C
VREF Input (Pins 18, P25):
Impedance(11)
363 || 120
Ω || pF
POWER SUPPLY REJECTION
% of VIN / % of VSUPPLY (12)
0.03
% / %
POWER SUPPLY REQUIREMENTS
±V
A
Supply Voltage Range
±4.75
±5.00
±5.25
V
+VD Supply Voltage Range
+4.75
+5.00
+5.25
V
+IA; +ID Combined Supply Current
+VA; +VD = +5.0V
+28
mA
–IA Supply Current
–VA = –5.0V
–13
mA
Power Dissipation
±V
A = ±5.0V; +VD = +5.0V
210
300
mW
TEMPERATURE RANGE
Specification
0
+70
°C
Operating
–40
+85
°C
Storage
–60
+100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com