Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6775IPZ Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6775IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6775IPZ Datasheet(HTML) 57 Page - Texas Instruments

Back Button MSP430F6775IPZ Datasheet HTML 53Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 54Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 55Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 56Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 57Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 58Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 59Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 60Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
Voltage applied at DVCC to DVSS
–0.3 V to 4.1 V
Voltage applied to any pin (excluding VCORE)(2)
–0.3 V to VCC + 0.3 V
Diode current at any device pin
±2 mA
Storage temperature range, Tstg
(3)
–55°C to 105°C
Maximum junction temperature, TJ
95°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS. VCORE is for internal device use only. No external DC loading or voltage should be applied.
(3)
Higher temperature may be applied during board soldering according to the current JEDEC J-STD-020 specification with peak reflow
temperatures not higher than classified on the device label on the shipping boxes or reels.
Recommended Operating Conditions
Typical values are specified at VCC = 3.3 V and TA = 25°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
PMMCOREVx = 0
1.8
3.6
V
PMMCOREVx = 0, 1
2.0
3.6
V
Supply voltage during program execution and flash
VCC
programming. VAVCC = VDVCC = VCC
(1) (2)
PMMCOREVx = 0, 1, 2
2.2
3.6
V
PMMCOREVx = 0, 1, 2, 3
2.4
3.6
V
VSS
Supply voltage VAVSS = VDVSS = VSS
0
V
TA
Operating free-air temperature
I version
–40
85
°C
TJ
Operating junction temperature
I version
–40
85
°C
CVCORE
Recommended capacitor at VCORE
470
nF
CDVCC/
Capacitor ratio of DVCC to VCORE
10
CVCORE
PMMCOREVx = 0,
1.8 V
≤ VCC ≤ 3.6 V
0
8.0
(default condition)
PMMCOREVx = 1,
0
12.0
Processor frequency (maximum MCLK frequency)(3) (4)
2 V
≤ VCC ≤ 3.6 V
fSYSTEM
MHz
(see Figure 2)
PMMCOREVx = 2,
0
20.0
2.2 V
≤ VCC ≤ 3.6 V
PMMCOREVx = 3,
0
25.0
2.4 V
≤ VCC ≤ 3.6 V
ILOAD,
Maximum load current that can be drawn from DVCC
20
mA
DVCCD
for core and IO (ILOAD = ICORE + IIO)
ILOAD,
Maximum load current that can be drawn from
20
mA
AUX1D
AUXVCC1 for core and IO (ILOAD = ICORE + IIO)
ILOAD,
Maximum load current that can be drawn from
20
mA
AUX2D
AUXVCC2 for core and IO (ILOAD = ICORE + IIO)
ILOAD,
Maximum load current that can be drawn from AVCC
10
mA
AVCCA
for analog modules (ILOAD = IModules)
ILOAD,
Maximum load current that can be drawn from
5
mA
AUX1A
AUXVCC1 for analog modules (ILOAD = IModules)
ILOAD,
Maximum load current that can be drawn from
5
mA
AUX2A
AUXVCC2 for analog modules (ILOAD = IModules)
PINT
Internal power dissipation
VCC x I(DVCC)
W
(1)
It is recommended to power AVCC and DVCC from the same source. A maximum difference of 0.3 V between V(AVCC) and V(DVCC)
can be tolerated during power up and operation.
(2)
The minimum supply voltage is defined by the supervisor SVS levels when it is enabled. See the PMM, SVS High Side threshold
parameters for the exact values and further details.
(3)
The MSP430 CPU is clocked directly with MCLK. Both the high and low phase of MCLK must not exceed the pulse duration of the
specified maximum frequency.
(4)
Modules may have a different maximum input clock specification. See the specification of the respective module in this data sheet.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com