Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6775IPZ Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6775IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6775IPZ Datasheet(HTML) 86 Page - Texas Instruments

Back Button MSP430F6775IPZ Datasheet HTML 82Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 83Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 84Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 85Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 86Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 87Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 88Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 89Page - Texas Instruments MSP430F6775IPZ Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 157 page
background image
Vpp/Vref/Gain
0.0
20.0
40.0
60.0
80.0
100.0
0
0.2
0.4
0.6
0.8
1
OSR
50.0
60.0
70.0
80.0
90.0
100.0
110.0
theoretical limit
(2nd order)
10
100
1000
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Figure 18. SINAD vs OSR
(fSD24 = 1MHz, SD24REFON = 1, SD24GAIN: 1)
Figure 19. SINAD vs VPP
SD24_B External Reference Input
ensure correct input voltage range according to VREF
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VREF(I) Input voltage
SD24REFS = 0
3 V
1.0
1.20
1.5
V
IREF(I)
Input current
SD24REFS = 0
3 V
50
nA
86
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com