Electronic Components Datasheet Search
  English  ▼

X  

PCM2912 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 11Page - Texas Instruments PCM2912 Datasheet HTML 12Page - Texas Instruments PCM2912 Datasheet HTML 13Page - Texas Instruments PCM2912 Datasheet HTML 14Page - Texas Instruments PCM2912 Datasheet HTML 15Page - Texas Instruments PCM2912 Datasheet HTML 16Page - Texas Instruments PCM2912 Datasheet HTML 17Page - Texas Instruments PCM2912 Datasheet HTML 18Page - Texas Instruments PCM2912 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
www.ti.com
THD+Nat-1dBvsSAMPLINGFREQUENCY
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
30
35
40
45
50
f -SamplingFrequency-kHz
S
DYNAMICRANGEandSNRvsSAMPLINGFREQUENCY
86
88
90
92
94
96
98
30
35
40
45
50
DYNAMICRANGE
SNR
f -SamplingFrequency-kHz
S
DAC
THD+Nat0dBvsTEMPERATURE
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
-50
-25
0
25
50
75
100
T -Free-AirTemperature-°C
A
DYNAMICRANGEandSNRvsTEMPERATURE
86
88
90
92
94
96
-50
-25
0
25
50
75
100
SNR
DYNAMICRANGE
T -Free-AirTemperature-°C
A
PCM2912
SLES216 – FEBRUARY 2008
TYPICAL PERFORMANCE CURVES (continued)
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted.
Figure 20.
Figure 21.
Figure 22.
Figure 23.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com