Electronic Components Datasheet Search
  English  ▼

X  

PCM2912 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM2912 Datasheet HTML 16Page - Texas Instruments PCM2912 Datasheet HTML 17Page - Texas Instruments PCM2912 Datasheet HTML 18Page - Texas Instruments PCM2912 Datasheet HTML 19Page - Texas Instruments PCM2912 Datasheet HTML 20Page - Texas Instruments PCM2912 Datasheet HTML 21Page - Texas Instruments PCM2912 Datasheet HTML 22Page - Texas Instruments PCM2912 Datasheet HTML 23Page - Texas Instruments PCM2912 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
www.ti.com
Interface #1
Interface #2
PCM2912
SLES216 – FEBRUARY 2008
The Input Terminal #3 is defined as USB stream (terminal type 0x0101). The Input Terminal #3 can accept
2-channel audio streams constructed by Left and Right channels. The Output Terminal #6 is defined as a
speaker (terminal type 0x0301). The Input Terminals #1 and #7 are defined as Microphone (terminal type
0x0201). Physically, these two input terminals are the same input, but logically duplicated. The Output Terminal
#B is defined as a USB stream (terminal type 0x0101). The Output Terminal #B is a single-channel audio stream.
The Mixer Unit #4 mixes up the analog input (sidetone) and the audio data of the DAC. The Mixer Unit #A is
placed in front of the Output Terminal #B. The Mixer Unit #A has no impact on record data. The Mixer Units #4
and #A do not have programming capability.
The Feature Unit #5 supports the following sound control features for analog outputs.
• Volume control
• Mute control
The built-in volume controller can be manipulated by an audio-class-specific request from 0 dB to –76 dB in
steps of 1 dB. An individual (L and R) channel can be set for different values. The built-in mute controller can be
manipulated by an audio-class-specific request. Only a master mute control request is acceptable.
The Feature Unit #2 supports the following sound control features for analog input (sidetone).
• Volume control
• Mute control
The built-in volume controller can be manipulated by an audio-class-specific request from 0 dB to –76 dB in 1-dB
steps. The only master volume control is acceptable. The built-in mute controller can be manipulated by
audio-class-specific request. The only master mute control request is acceptable.
The Feature Unit #8 supports the following sound control features for analog input (microphone record input).
• Volume control
• Mute control
The built-in analog volume controller can be manipulated by an audio-class-specific request from +30 dB to –12
dB in 1-dB steps. The built-in mute controller can be manipulated by an audio-class-specific request. The only
master mute control request is acceptable.
Interface #1 is for audio streaming data-out interface. Interface #1 has the following three alternative settings.
Alternative setting #0 is the zero bandwidth setting. All other alternative settings are operational settings.
ALTERNATIVE
DATA FORMAT
TRANSFER MODE
SAMPLING RATE
SETTING
(kHz)
00
Zero band width
8, 11.025, 16, 22.05, 32, 44.1,
01
16 bit
Stereo
2s complement (PCM)
Adaptive
48
8, 11.025, 16, 22.05, 32, 44.1,
02
16 bit
Mono
2s complement (PCM)
Adaptive
48
Interface #2 is for audio streaming data in interface. Interface #2 has the following two alternative settings.
Alternative setting #0 is the Zero Band Width setting. Alternative setting #1 is an operational setting.
ALTERNATIVE
DATA FORMAT
TRANSFER MODE
SAMPLING RATE (kHz)
SETTING
00
Zero band width
8, 11.025, 16, 22.05, 32,
01
16 bit
Mono
2s complement (PCM)
Asynchronous
44.1, 48
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com