Electronic Components Datasheet Search
  English  ▼

X  

SN54LS14 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS14
Description  HEX SCHMITT-TRIGGER INVERTERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS14 Datasheet(HTML) 5 Page - Texas Instruments

  SN54LS14 Datasheet HTML 1Page - Texas Instruments SN54LS14 Datasheet HTML 2Page - Texas Instruments SN54LS14 Datasheet HTML 3Page - Texas Instruments SN54LS14 Datasheet HTML 4Page - Texas Instruments SN54LS14 Datasheet HTML 5Page - Texas Instruments SN54LS14 Datasheet HTML 6Page - Texas Instruments SN54LS14 Datasheet HTML 7Page - Texas Instruments SN54LS14 Datasheet HTML 8Page - Texas Instruments SN54LS14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SN5414, SN54LS14,
SN7414, SN74LS14
HEX SCHMITT-TRIGGER INVERTERS
SDLS049B – DECEMBER 1983 – REVISED FEBRUARY 2002
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
SN5414
SN7414
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MIN
TYP
MAX
tPLH
A
Y
RL = 400 Ω
CL =15 pF
15
22
ns
tPHL
A
Y
RL = 400 Ω,
CL = 15 F
15
22
ns
recommended operating conditions
SN54LS14
SN74LS14
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
IOH
High-level output current
–0.4
–0.4
mA
IOL
Low-level output current
4
8
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54LS14
SN74LS14
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VT+
VCC = 5 V
1.4
1.6
1.9
1.4
1.6
1.9
V
VT–
VCC = 5 V
0.5
0.8
1
0.5
0.8
1
V
Hysteresis
(VT+ – VT–)
VCC = 5 V
0.4
0.8
0.4
0.8
V
VIK
VCC = MIN,
II = –18 mA
–1.5
–1.5
V
VOH
VCC = MIN,
VI = 0.5 V,
IOH = –0.4 mA
2.5
3.4
2.7
3.4
V
VOL
VCC = MIN
VI = 19 V
IOL= 4 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = MIN,
VI = –1.9 V
IOL = 8 mA
0.35
0.5
V
IT+
VCC = 5 V,
VI = VT+
–0.14
–0.14
mA
IT–
VCC = 5 V,
VI = VT–
–0.18
–0.18
mA
II
VCC = MAX,
VI = 7 V
0.1
0.1
mA
IIH
VCC = MAX,
VIH = 2.7 V
20
20
µA
IIL
VCC = MAX,
VIL = 0.4 V
–0.4
–0.4
mA
IOS§
VCC = MAX
–20
–100
–20
–100
mA
ICCH
VCC = MAX
8.6
16
8.6
16
mA
ICCL
VCC = MAX
12
21
12
21
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and duration of the short-circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 2)
PARAMETER
FROM
TO
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
RL =2kΩ
CL =15 pF
15
22
ns
tPHL
A
Y
RL = 2 kΩ,
CL = 15 F
15
22
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com