Electronic Components Datasheet Search
  English  ▼

X  

SN54LS14 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS14
Description  HEX SCHMITT-TRIGGER INVERTERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS14 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN54LS14 Datasheet HTML 7Page - Texas Instruments SN54LS14 Datasheet HTML 8Page - Texas Instruments SN54LS14 Datasheet HTML 9Page - Texas Instruments SN54LS14 Datasheet HTML 10Page - Texas Instruments SN54LS14 Datasheet HTML 11Page - Texas Instruments SN54LS14 Datasheet HTML 12Page - Texas Instruments SN54LS14 Datasheet HTML 13Page - Texas Instruments SN54LS14 Datasheet HTML 14Page - Texas Instruments SN54LS14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SN5414, SN54LS14,
SN7414, SN74LS14
HEX SCHMITT-TRIGGER INVERTERS
SDLS049B – DECEMBER 1983 – REVISED FEBRUARY 2002
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS OF ’LS14 CIRCUITS†
Figure 14
0.8
0.4
0.2
0
1.2
1.4
THRESHOLD VOLTAGES AND HYSTERESIS
vs
SUPPLY VOLTAGE
2.0
1.0
0.6
TA = 25°C
1.6
1.8
VCC – Supply Voltage – V
4.75
4.5
5
5.25
5.5
Positive-Going Threshold Voltage, VT+
Negative-Going Threshold Voltage, VT–
Hysteresis, VT+ – VT–
Figure 15
0.4
0
1
0
0.8
2
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
4
1.2
2
3
VI – Input Voltage – V
VCC = 5 V
TA = 25°C
1.6
VT–
VT+
† Data for temperatures below 0
°C and above 70°C and supply voltage below 4.75 V and above 5.25 V are applicable for SN5414 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com