Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB1PAP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB1PAP
Description  IEEE 1394a-200 ONE-PORT CCABLE TRANNS CEIVER ARBITER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB1PAP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSB41AB1PAP Datasheet HTML 15Page - Texas Instruments TSB41AB1PAP Datasheet HTML 16Page - Texas Instruments TSB41AB1PAP Datasheet HTML 17Page - Texas Instruments TSB41AB1PAP Datasheet HTML 18Page - Texas Instruments TSB41AB1PAP Datasheet HTML 19Page - Texas Instruments TSB41AB1PAP Datasheet HTML 20Page - Texas Instruments TSB41AB1PAP Datasheet HTML 21Page - Texas Instruments TSB41AB1PAP Datasheet HTML 22Page - Texas Instruments TSB41AB1PAP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423I − JUNE 2000 − REVISED MARCH 2005
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
thermal characteristics, PAP package
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance
Board-mounted, no air flow, high conductivity
TI-recommended test board, chip soldered or
26
°C/W
RθJC
Junction-to-case-thermal resistance
TI-recommended test board, chip soldered or
greased to thermal land with 1 oz. copper
5.9
°C/W
RθJA
Junction-to-ambient thermal resistance
Board-mounted, no air flow, high conductivity
TI-recommended test board with thermal land, but
58.6
°C/W
RθJC
Junction-to-case thermal resistance
TI-recommended test board with thermal land, but
no solder or grease thermal connection to thermal
land with 1 oz. copper
5.9
°C/W
RθJA
Junction-to-ambient thermal resistance
Board-mounted, no air flow, low conductivity
60.1
°C/W
RθJC
Junction-to-case thermal resistance
Board-mounted, no air flow, low conductivity
JEDEC test board with 1 oz. copper
5.9
°C/W
† Use of thermally enhanced PowerPad PAP package is assumed in all three test conditions.
thermal characteristics, PHP package
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance
Board-mounted, no air flow, high conductivity
TI-recommended test board, chip soldered or
31.9
°C/W
RθJC
Junction-to-case-thermal resistance
TI-recommended test board, chip soldered or
greased to thermal land with 1 oz. copper
6.2
°C/W
RθJA
Junction-to-ambient thermal resistance
Board-mounted, no air flow, high conductivity
TI-recommended test board with thermal land, but
65.8
°C/W
RθJC
Junction-to-case thermal resistance
TI-recommended test board with thermal land, but
no solder or grease thermal connection to thermal
land with 1 oz. copper
6.2
°C/W
RθJA
Junction-to-ambient thermal resistance
Board-mounted, no air flow, low conductivity
85.7
°C/W
RθJC
Junction-to-case thermal resistance
Board-mounted, no air flow, low conductivity
JEDEC test board with 1 oz. copper
6.2
°C/W
† Use of thermally enhanced PowerPad PHP package is assumed in all three test conditions.
thermal characteristics, GQE package
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance
Board-mounted, no air flow, JEDEC low-k test
118.12
°C/W
RθJC
Junction-to-case-thermal resistance
Board-mounted, no air flow, JEDEC low-k test
board, no thermal vias used on board
38.62
°C/W
RθJA
Junction-to-ambient thermal resistance
Board-mounted, no air flow, JEDEC high-k test
56.61
°C/W
RθJC
Junction-to-case-thermal resistance
Board-mounted, no air flow, JEDEC high-k test
board, no thermal vias used on board
38.62
°C/W
thermal characteristics, ZQE package
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance
Board-mounted, no air flow, JEDEC low-k test
119.63
°C/W
RθJC
Junction-to-case-thermal resistance
Board-mounted, no air flow, JEDEC low-k test
board, no thermal vias used on board
39.03
°C/W
RθJA
Junction-to-ambient thermal resistance
Board-mounted, no air flow, JEDEC high-k test
58.32
°C/W
RθJC
Junction-to-case-thermal resistance
Board-mounted, no air flow, JEDEC high-k test
board, no thermal vias used on board
39.09
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com