Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB1PAP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB1PAP
Description  IEEE 1394a-200 ONE-PORT CCABLE TRANNS CEIVER ARBITER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB1PAP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TSB41AB1PAP Datasheet HTML 19Page - Texas Instruments TSB41AB1PAP Datasheet HTML 20Page - Texas Instruments TSB41AB1PAP Datasheet HTML 21Page - Texas Instruments TSB41AB1PAP Datasheet HTML 22Page - Texas Instruments TSB41AB1PAP Datasheet HTML 23Page - Texas Instruments TSB41AB1PAP Datasheet HTML 24Page - Texas Instruments TSB41AB1PAP Datasheet HTML 25Page - Texas Instruments TSB41AB1PAP Datasheet HTML 26Page - Texas Instruments TSB41AB1PAP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423I − JUNE 2000 − REVISED MARCH 2005
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
component connection (continued)
† See Figure 10, Figure 11, and Figure 12.
‡ See Figure 13 and Figure 14.
§ See Terminal Functions Table.
24
19
38
39
40
42
43
44
45
46
47
48
12
3
4
5
6
7
8
9
10 11 12
13
14
15
16
17
18
20
21
22
23
25
26
27
28
29
30
31
32
33
34
35
36
RESET
FILTER0
FILTER1
PLLVDD
PLLGND
XI
XO
DVDD
DVDD
DGND
DGND
LPS
DGND
C/LKON
PC0
PC1
PC2
ISO
CPS
TESTM
SE
SM
DVDD
0.1
µF
0.001
µF
0.001
µF
VDD
6.34 k
Ω ± 1%
TP Cables
Interface
Connection †
0.1
µF
0.001
µF
0.001
µF
VDD
DGND
400 k
Ω
Cable Power
ISO
Power-Class
Programming
10 k
Ω
LKON
Bus Manager
0.001
µF
0.1
µF
VDD
24.576 MHz
0.01
µF
1.0
µF
VDD
0.1
µF
0.1
µF
37
TSB41AB1
‡
41
LREQ
1 k
Ω (Optional) §
1 k
Ω
12 pF¶
12 pF¶
¶ See crystal selection section for more details
Figure 5. External Component Connections (PHP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com