Electronic Components Datasheet Search
  English  ▼

X  

TUSB2046B Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2046B
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB2046B Datasheet HTML 7Page - Texas Instruments TUSB2046B Datasheet HTML 8Page - Texas Instruments TUSB2046B Datasheet HTML 9Page - Texas Instruments TUSB2046B Datasheet HTML 10Page - Texas Instruments TUSB2046B Datasheet HTML 11Page - Texas Instruments TUSB2046B Datasheet HTML 12Page - Texas Instruments TUSB2046B Datasheet HTML 13Page - Texas Instruments TUSB2046B Datasheet HTML 14Page - Texas Instruments TUSB2046B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
30
29
31
27
XTAL1
XTAL2
TSTMODE
TSTPLL/48MCLK
TUSB2046B USB HUB
Open
48-MHz Oscillator
or on Board Clock Source
3.3 V
TUSB2046B
TUSB2046BI
www.ti.com
SLLS413I – FEBRUARY 2000 – REVISED SEPTEMBER 2013
Figure 8. 48-MHz Input Clock Configuration
Figure 9 is a block diagram example of how to connect the external EEPROM if a custom product ID and vendor
ID are desired. Figure 10 shows the EEPROM read operation timing diagram. Figure 11, Figure 12, and
Figure 13 illustrate how to connect the TUSB2046B device for different power source and port power-
management combinations.
Figure 9. Typical Application of the TUSB2046B USB Hub
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TUSB2046B TUSB2046BI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com