Electronic Components Datasheet Search
  English  ▼

X  

TUSB2046B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2046B
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046B Datasheet(HTML) 2 Page - Texas Instruments

  TUSB2046B Datasheet HTML 1Page - Texas Instruments TUSB2046B Datasheet HTML 2Page - Texas Instruments TUSB2046B Datasheet HTML 3Page - Texas Instruments TUSB2046B Datasheet HTML 4Page - Texas Instruments TUSB2046B Datasheet HTML 5Page - Texas Instruments TUSB2046B Datasheet HTML 6Page - Texas Instruments TUSB2046B Datasheet HTML 7Page - Texas Instruments TUSB2046B Datasheet HTML 8Page - Texas Instruments TUSB2046B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TUSB2046B
TUSB2046BI
SLLS413I – FEBRUARY 2000 – REVISED SEPTEMBER 2013
www.ti.com
DESCRIPTION/ORDERING INFORMATION
The TUSB2046B is a 3.3-V CMOS hub device that provides one upstream port and four downstream ports in
compliance with the Universal Serial Bus (USB) specification as a full-speed hub. Because this device is
implemented with a digital state machine instead of a microcontroller, no firmware programming is required.
Fully-compliant USB transceivers are integrated into the ASIC for all upstream and downstream ports. The
downstream ports support both full-speed and low-speed devices by automatically setting the slew rate according
to the speed of the device attached to the ports. The configuration of the BUSPWR terminal selects either the
bus-powered or the self-powered mode.
Configuring the GANGED input determines the power switching and overcurrent detection modes for the
downstream ports. External power-management devices, such as the TPS2044, are required to control the 5-V
source to the downstream ports according to the corresponding values of the PWRON terminal. Upon detecting
any overcurrent conditions, the power-management device sets the corresponding OVRCUR terminal of the
TUSB2046B to a logic low. If GANGED is high, all PWRON outputs switch together and if any OVRCUR is
activated, all ports transition to the power-off state. If GANGED is low, the PWRON outputs and OVRCUR inputs
operate on a per-port basis.
The TUSB2046B provides the flexibility of using a 6-MHz or a 48-MHz clock. The logic level of the TSTMODE
terminal controls the selection of the clock source. When TSTMODE is low, the output of the internal APLL
circuitry is selected to drive the internal core of the device. When TSTMODE is high, the TSTPLL/48MCLK input
is selected as the input clock source and the APLL circuitry is powered down and bypassed. The internal
oscillator cell is also powered down while TSTMODE is high.
Low EMI emission is achieved because the TUSB2046B is able to utilize a 6-MHz crystal input. Connect the
crystal as shown in Figure 6. An internal PLL then generates the 48-MHz clock used to sample data from the
upstream port and to synchronize the 12 MHz used for the USB clock. If low-power suspend and resume are
desired, a passive crystal or resonator must be used. However, a 6-MHz oscillator may be used by connecting
the output to the XTAL1 terminal and leaving the XTAL2 terminal open. The oscillator TTL output must not
exceed 3.6 V.
For 48-MHz operation, the clock cannot be generated with a crystal using the XTAL2 output because the internal
oscillator cell supports only the fundamental frequency.
See Figure 7 and Figure 8 in the input clock configuration section for more detailed information regarding the
input clock configuration.
The EXTMEM terminal enables or disables the optional EEPROM interface. When the EXTMEM terminal is high,
the product ID (PID) displayed during enumeration is the general-purpose USB hub. For this default, terminal 5 is
disabled and terminal 6 functions as the GANGED input terminal. If custom PID and vendor ID (VID) descriptors
are desired, the EXTMEM terminal must be low (EXTMEM = 0). For this configuration, terminals 5 and 6 function
as the EEPROM interface with terminals 5 and 6 functioning as EECLK and EEDATA, respectively. See Table 1
for a description of the EEPROM memory map.
Other useful features of the TUSB2046B include a package with a 0.8-mm terminal pitch for easy PCB routing
and assembly, push-pull outputs for the PWRON terminals eliminate the need for pullup resistors required by
traditional open-collector I/Os, and OVRCUR terminals have noise filtering for increased immunity to voltage
spikes.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: TUSB2046B TUSB2046BI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com