Electronic Components Datasheet Search
  English  ▼

X  

SP6655 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6655
Description  High Efficiency 400mA Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6655 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6655 Datasheet HTML 6Page - Sipex Corporation SP6655 Datasheet HTML 7Page - Sipex Corporation SP6655 Datasheet HTML 8Page - Sipex Corporation SP6655 Datasheet HTML 9Page - Sipex Corporation SP6655 Datasheet HTML 10Page - Sipex Corporation SP6655 Datasheet HTML 11Page - Sipex Corporation SP6655 Datasheet HTML 12Page - Sipex Corporation SP6655 Datasheet HTML 13Page - Sipex Corporation SP6655 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Date: 09/27/05
SP6655 High Efficiency 400mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
is a minimum of KON/L, more than the load
current demands. The converter goes in to a
standard pulse frequency modulation (PFM)
mode where the switching frequency is propor-
tional to the load current.
Low Dropout and Load Transient Operation
AND’ing the loop comparator also increases the
duty ratio past the ideal D= VOUT /VIN up to and
including 100%. Under a light to heavy load
transient, the loop comparator will hold the
main switch on longer than the minimum on
timer until the output is brought back into regu-
lation.
Also, as the input voltage supply drops down
close to the output voltage, the main MOSFET
resistance loss will dictate a much higher duty
ratio to regulate the output. Eventually as the
input voltage drops low enough, the output
voltage will follow, causing the loop compara-
tor to hold the converter at 100% duty cycle.
This mode is critical in extending battery life
when the output voltage is at or above the
minimum usable input voltage. The dropout
voltage is the minimum (VIN -VOUT) below
which the output regulation cannot be main-
tained. The dropout voltage of SP6655 is equal
to IL* (0.3Ω+ RL1) where 0.3Ω is the typical
RDS(ON) of the P-Channel MOSFET and RL is
the DC resistance of the inductor.
The SP6655 has been designed to operate in
dropout with a light load Iq of only 80
µA. The
on-time control circuit seamlessly operates the
converter between CCM, DCM, and low drop-
out modes without the need for compensation.
The converter’s transient response is quick since
there is no compensated error amplifier in the loop.
Inductor Over-Current Protection
To reduce the light load dropout Iq, the SP6655
over-current system is only enabled when IL1 >
400mA. The inductor over-current protection
circuitry is programmed to limit the peak induc-
tor current to 0.625A. This is done during the
on-time by comparing the source to drain volt-
age drop of the PMOS passing the inductor
current with a second voltage drop representing
the maximum allowable inductor current. As
the two voltages become equal, the over-current
comparator triggers a minimum off-time one
shot. The off-time one shot forces the loop into
the discharge phase for a minimum TOFF time
causing the inductor current to decrease. At the
end of the off-time, loop control is handed back
to the AND’d on-time signal. If the output
voltage is still low, charging begins until the
output is in regulation or the current limit has
been reached again. During startup and over-
load conditions, the converter behaves like a
current source at the programmed limit minus
half the current ripple. The minimum TOFF is
controlled by the equation:
TOFF (MIN) =
KOFF
VOUT
Under-Voltage Lockout
The SP6655 is equipped with a programmable
under-voltage lockout to protect the input bat-
tery source from excessive currents when sub-
stantially discharged. When the input supply is
below the UVLO threshold both power switches
are open to prevent inductor current from flow-
ing. The three levels of falling input voltage
UVLO threshold are shown in Table 1, with a
typical hysteresis of 120mV to prevent chatter-
ing due to the impedance of the input source.
During UVLO, BLON is forced low.
Under-Current Detection
The synchronous rectifier is comprised of an
inductor discharge switch, a voltage compara-
tor, and a driver latch. During the off-time,
positive inductor current flows into the PGND
pin 9 through the low side NMOS switch to LX
pin 10, through the inductor and the output
capacitor, and back to pin 9. The comparator
monitors the voltage drop across the discharge
NMOS. As the inductor current approaches zero,
the channel voltage sign goes from negative to
positive, causing the comparator to trigger the
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com