Electronic Components Datasheet Search
  English  ▼

X  

AD9963BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9963BCPZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9963BCPZ Datasheet HTML 10Page - Analog Devices AD9963BCPZ Datasheet HTML 11Page - Analog Devices AD9963BCPZ Datasheet HTML 12Page - Analog Devices AD9963BCPZ Datasheet HTML 13Page - Analog Devices AD9963BCPZ Datasheet HTML 14Page - Analog Devices AD9963BCPZ Datasheet HTML 15Page - Analog Devices AD9963BCPZ Datasheet HTML 16Page - Analog Devices AD9963BCPZ Datasheet HTML 17Page - Analog Devices AD9963BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 14 of 60
60
65
70
75
80
85
90
95
100
0
10
20
30
40
50
60
fOUT (MHz)
0dBFS
–3dBFS
–6dBFS
Figure 10. Second Harmonic Distortion vs. fOUT Over Digital Scale,
fDAC = 125 MHz, 1×, Full-Scale Current = 2 mA, TXVDD = 3.3 V
50
55
60
65
70
75
80
85
90
95
100
0
10
20
30
40
50
60
fOUT (MHz)
–6 dBFS
0 dBFS
–3 dBFS
Figure 11. Third Harmonic Distortion vs. fOUT Over Digital Scale,
fDAC = 125 MHz, 1×, Full-Scale Current = 2 mA, TXVDD = 3.3 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
50
100
150
200
250
FREQUENCY (MHz)
DIRECT CLOCK
DLL x25
Figure 12. Transmit DAC Output Spectrum, Full-Scale Current = 2 mA,
TXVDD = 3.3 V, fOUT = 50 MHz, fDAC = 125 MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
50
100
150
200
250
FREQUENCY (MHz)
DIRECT CLOCK
DLL × 25
Figure 13. Transmit DAC Output Spectrum, Full-Scale Current = 2 mA,
TXVDD = 3.3 V, fOUT = 10 MHz, fDAC = 125 MHz
1.0
0.5
0
–0.5
–1.0
0
1024
2048
3584
3072
512
1536
2560
4096
SAMPLES
Figure 14. Auxiliary ADC DNL
0
1024
2048
3584
3072
512
1536
2560
4096
SAMPLES
1.0
0.5
0
–0.5
–1.0
Figure 15. Auxiliary ADC INL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com