Electronic Components Datasheet Search
  English  ▼

X  

AD9963BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9963BCPZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9963BCPZ Datasheet HTML 23Page - Analog Devices AD9963BCPZ Datasheet HTML 24Page - Analog Devices AD9963BCPZ Datasheet HTML 25Page - Analog Devices AD9963BCPZ Datasheet HTML 26Page - Analog Devices AD9963BCPZ Datasheet HTML 27Page - Analog Devices AD9963BCPZ Datasheet HTML 28Page - Analog Devices AD9963BCPZ Datasheet HTML 29Page - Analog Devices AD9963BCPZ Datasheet HTML 30Page - Analog Devices AD9963BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 27 of 60
Register Name
Register
Address
Bit(s)
Parameter
Function
Rx Scale
0x38
7:5
Unused
4:0
DEC_SCALE[4:0]
Value of 3.2 multiplier applied to both I and Q channels just after the
decimation filter. The value of the gain applied is equal to DEC_SCALE/4.
00000: multiply by 0.0.
00001: multiply by 0.25.
11111: multiply by 7.75.
Clock Doubler
Config
0x39
7
RXDDLLRST
1: resets the Rx signal path clock doubler.
6
TXDDLLRST
1: resets the Tx signal path clock doubler.
5:4
Unused
3
Unused
.
2
Unused
1
RXDBL_SEL
0: selects fixed pulse width clock doubler.
1: selects fixed duty cycle clock doubler.
See Table 22 for configuration recommendations.
0
TXDBL_SEL
0: selects fixed pulse width clock doubler.
1: selects fixed duty cycle clock doubler.
See Table 22 for configuration recommendations.
TX Clock Doubler
Config
0x3A
7:4
TX_UNLOCK[1:0]
Sets the number of clock cycles for the unlock indicator. Set to 01.
3
TX_LOCK[1:0]
Sets the number of clock cycles for the lock indicator. Set to 01.
2
TX_DLYOFS[1:0]
Sets delay line offset of clock doubler. Set to 01.
1
TX_HYST[1:0]
Sets delay line hysteresis of clock doubler. Set to 01.
RX Clock Doubler
Config
0x3B
7:4
RX_UNLOCK[1:0]
Sets the number of clock cycles for the unlock indicator. Set to 01.
3
RX_LOCK[1:0]
Sets the number of clock cycles for the lock indicator. Set to 01.
2
RX_DLYOFS[1:0]
Sets delay line offset of clock doubler. Set to 01.
1
RX_HYST[1:0]
Sets delay line hysteresis of clock doubler. Set to 01.
Clock Doubler
Config
0x3C
7:0
DBL_TAPDLY[7:0]
Sets the initial tap delay of the Rx and Tx clock doublers. Set to 0x00.
Data Spectral
Inversion
0x3D
7:4
Unused
3
RX_INVQ
1: multiply Rxdata from QADC by −1.
2
RX_INVI
1: multiply Rxdata from IADC by −1.
1
TX_INVQ
1: multiply Txdata for QDAC by −1.
0
TX_INVI
1: multiply Txdata for IDAC by −1.
Clock Doubler
Pulse Width
0x3E
7:6
Unused
5:3
TX_DBLPW[2:0]
Sets the pulse width of the Tx clock doubler. See Table 22 for details.
2:0
RX_DBLPW[2:0]
Sets the pulse width of the Rx clock doubler. See Table 22 for details.
Rx Data Interface
0x3F
7
Unused
6
RX_CLK
0: when SINGLERX is active, use Q side clock.
1: when SINGLERX is active, use I side clock.
5
RX_BUS
0: when SINGLERX is active, use the Q ADC.
1: when SINGLERX is active, use the I ADC.
4
SINGLERX
0: use both Rx paths.
1: use only one Rx path.
3
TXCLK_MD
This bit controls the operation of the TXCLK pin when the chip is
configured in half-duplex 1-clock mode. This bit is otherwise ignored.
0: the TXCLK pin is set to a high impedance output.
1: the DLL clock output is driven onto the TXCLK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com