Electronic Components Datasheet Search
  English  ▼

X  

AD9961-EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9961-EBZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961-EBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9961-EBZ Datasheet HTML 1Page - Analog Devices AD9961-EBZ Datasheet HTML 2Page - Analog Devices AD9961-EBZ Datasheet HTML 3Page - Analog Devices AD9961-EBZ Datasheet HTML 4Page - Analog Devices AD9961-EBZ Datasheet HTML 5Page - Analog Devices AD9961-EBZ Datasheet HTML 6Page - Analog Devices AD9961-EBZ Datasheet HTML 7Page - Analog Devices AD9961-EBZ Datasheet HTML 8Page - Analog Devices AD9961-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 4 of 60
TMIN to TMAX, RX33V = TXVDD = CLK33V = DRVDD = AUX33V = 3.3 V. All LDOs enabled, ADC sample rate = 100 MSPS. No
decimation, unless otherwise noted.
Table 2. Rx Path Specifications
AD9961
AD9963
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Rx ADC DC CHARACTERISTICS
Resolution
10
12
Bits
Differential Nonlinearity
0.1
0.3
LSB
Gain Error
±1
±1
%FSR
Offset Error
±0.5
±0.5
%FSR
Input Voltage Range
1.56
1.56
V p-p diff
Input Capacitance
8
8
pF
Rx ADC AC SPECIFICATIONS
Maximum Sample Rate
100
100
MSPS
Spurious Free Dynamic Range
f
IN = 10.1 MHz
77
77
dBc
f
IN = 70.1 MHz
75
73
dBc
Two-Tone Intermodulation Distortion
f
IN1 = 10 MHz, fIN2 = 11 MHz
78
82
dBc
f
IN1 = 29 MHz, fIN2 = 32 MHz
76
80
dBc
Signal-to-Noise Ratio
f
IN = 10.1 MHz
61
68
dBFS
f
IN = 30.1 MHz
60
67
dBFS
f
IN = 70.1 MHz
60
66
dBFS
RXCML OUTPUTS
Output Voltage
1.4
1.4
V
Output Current
0.1
0.1
mA
Rx DIGITAL FILTER CHARACTERISTICS
2× Decimation
Latency (ADC Clock Cycles)
49
49
Cycles
Passband Ripple; f
OUT/fDAC (0.4 × fDATA)
0.2
0.2
f
OUT/fDAC
Stop-Band Rejection (f
DATA ± 0.4 × fDATA)
70
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com