Electronic Components Datasheet Search
  English  ▼

X  

AD9961-EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9961-EBZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961-EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9961-EBZ Datasheet HTML 1Page - Analog Devices AD9961-EBZ Datasheet HTML 2Page - Analog Devices AD9961-EBZ Datasheet HTML 3Page - Analog Devices AD9961-EBZ Datasheet HTML 4Page - Analog Devices AD9961-EBZ Datasheet HTML 5Page - Analog Devices AD9961-EBZ Datasheet HTML 6Page - Analog Devices AD9961-EBZ Datasheet HTML 7Page - Analog Devices AD9961-EBZ Datasheet HTML 8Page - Analog Devices AD9961-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 5 of 60
TMIN to TMAX, RX33V = TXVDD = CLK33V = DRVDD = AUX33V = 3.3 V. All LDOs enabled, unless otherwise noted.
Table 3. Auxiliary Converter Specifications
AD9961
AD9963
Units
Parameter
Min
Typ
Max
Min
Typ
Max
AUXILIARY DAC12A/AUXDAC12B
Resolution
12
12
Bits
Differential Nonlinearity
±0.8
±0.8
LSB
Gain Error
±2.0
±2.0
%
Settling Time (±1%)
1
1
µs
AUXILIARY DAC10A/DAC10B (Range = 0.5 V to 1.5 V)
Resolution
10
10
Bits
Differential Nonlinearity
±1.0
±1.0
LSB
Gain Error
±2.0
±2.0
%
Settling Time (±1%)
10
10
µs
AUXILIARY ADC
Resolution
12
12
Bits
Differential Nonlinearity
−1.0
+1.0
−1.0
+1.0
LSB
Gain Error (Internal Reference)
−2.0
+2.0
−2.0
+2.0
%
Input Voltage Range
0
3.2
0
3.2
V
Maximum Sample Rate
50
50
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com