Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 39 Page - Texas Instruments

Part # AFE031
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE031 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE031_13 Datasheet HTML 35Page - Texas Instruments AFE031_13 Datasheet HTML 36Page - Texas Instruments AFE031_13 Datasheet HTML 37Page - Texas Instruments AFE031_13 Datasheet HTML 38Page - Texas Instruments AFE031_13 Datasheet HTML 39Page - Texas Instruments AFE031_13 Datasheet HTML 40Page - Texas Instruments AFE031_13 Datasheet HTML 41Page - Texas Instruments AFE031_13 Datasheet HTML 42Page - Texas Instruments AFE031_13 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
AFE031
www.ti.com
SBOS531D – AUGUST 2010 – REVISED MAY 2012
POWER SUPPLIES
The AFE031 has two low-voltage analog power-supply pins and one low-voltage digital supply pin. Internally, the
two analog supply pins are connected to each other through back-to-back electrostatic discharge (ESD)
protection diodes. These pins must be connected to each other on the application printed circuit board (PCB). It
is also recommended to connect the digital supply pin and the two analog supply pins together on the PCB. Both
low-voltage analog ground pins are also connected internally through back-to-back ESD protection diodes. These
ground pins should also be connected to the digital ground pin on the PCB. It is recommended to bypass the
low-voltage power supplies with a parallel combination of a 10-
μf and 100-nf capacitor. The PA block is biased
separately from a high-voltage, high-current supply.
Two PA power supply pins and two PA ground pins are available to provide a path for the high currents
associated with driving the low impedance of the ac mains. Connecting the two PA supply pins together is
recommended. It is also recommended to place a bypass capacitor of 47
μF to 100 μF in parellel with 100 nF as
close as possible to the AFE031. Care must be taken when routing the high current ground lines on the PCB to
avoid creating voltage drops in the PCB ground that may vary with changes in load current.
The AFE031 has many options to enable or disable the functional blocks to allow for flexible power-savings
modes. Table 17 shows the specific power supply that each functional block draws power from, as well as the
typical amount of power drawn from the associated power supplies for both the enabled and disabled states. For
additional information on power-supply requirements refer to Application Report SBOA130, Analog Front-End
Design for a Narrowband Power-Line Communications Modem Using the AFE031 (available for download at
www.ti.com).
Table 17. Power Consumption with Enable and Disable Times (Typical)
AVDD SUPPLY
DVDD SUPPLY
PA SUPPLY
BLOCK
STATUS
ENABLE TIME
DISABLE TIME
CURRENT
CURRENT
CURRENT
On
10
μs
–
–
–
61 mA
PA
Off
–
10
μs
–
–
70
μA
On
10
μs
–
3.7 mA
–
–
Tx
Off
–
10
μs
1
μA
–
–
On
10
μs
–
5.3 mA
–
–
Rx
Off
–
10
μs
1
μA
–
–
On
10
μs
–
900
μA
–
–
ERx
Off
–
10
μs
1
μA
–
–
On
10
μs
–
1.2 mA
–
–
ETx
Off
–
10
μs
1
μA
–
–
On
10
μs
–
–
16
μA
–
DAC
Off
–
10
μs
–
1
μA
–
On
10
μs
–
25
μA
–
–
ZC
Off
–
10
μs
1
μA
–
–
On
10
μs
–
–
–
26
μA
REF1
Off
–
10
μs
–
–
8
μA
On
10
μs
–
25
μA
–
–
REF2
Off
–
10
μs
4
μA
–
–
Copyright © 2010–2012, Texas Instruments Incorporated
39
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com