Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 4 Page - Texas Instruments

Part # AFE031
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE031 Datasheet(HTML) 4 Page - Texas Instruments

  AFE031_13 Datasheet HTML 1Page - Texas Instruments AFE031_13 Datasheet HTML 2Page - Texas Instruments AFE031_13 Datasheet HTML 3Page - Texas Instruments AFE031_13 Datasheet HTML 4Page - Texas Instruments AFE031_13 Datasheet HTML 5Page - Texas Instruments AFE031_13 Datasheet HTML 6Page - Texas Instruments AFE031_13 Datasheet HTML 7Page - Texas Instruments AFE031_13 Datasheet HTML 8Page - Texas Instruments AFE031_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
AFE031
SBOS531D – AUGUST 2010 – REVISED MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: Transmitter (Tx) (continued)
At TJ = +25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
AFE031
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Tx_FILTER
Input
Input voltage range
GND – 0.1
AVDD + 0.1
V
Input resistance
RI
43
k
Ω
(Tx_F_IN1 and Tx_F_IN2)
Frequency Response
CENELEC A Mode
Passband frequency
–3 dB
95
kHz
Stop band attenuation
–50
–60
dB
Stop band frequency
910
kHz
Filter gain
0
dB
CENELEC B/C/D Modes
Passband frequency
–3 dB
145
kHz
Stop band attenuation
–50
–60
dB
Stop band frequency
870
kHz
Filter gain
0
dB
Output
Voltage output swing from
VO
RLOAD = 10 kΩ, connected to AVDD/2
10
100
mV
AGND or AVDD
Sourcing
25
mA
Maximum continuous
IO
current, dc
Sinking
25
mA
Output resistance
RO
f = 100 kHz
1
Ω
Transmitter Noise
Integrated noise at PA output(2)
CENELEC Band A
Noise-reducing capacitor = 1 nF from
435
μVRMS
(40 kHz to 90 kHz)
pin 19 to ground
CENELEC Bands B/C/D
Noise-reducing capacitor = 1 nF from
460
μVRMS
(95 kHz to 140 kHz)
pin 19 to ground
(2)
Includes DAC, Tx_PGA, Tx_Filter, PA, and REF1 bias generator.
4
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com