Electronic Components Datasheet Search
  English  ▼

X  

THAT1510 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # THAT1510
Description  Low-Noise, High Performance Audio Preamplifier IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

THAT1510 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  THAT1510 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document 600031 Rev 08
Page 2 of 8
THAT 1510/1512 Low-Noise
High Performance Audio Preamplifier IC
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2013, THAT Corporation
Positive Supply Voltage (VCC)
+20 V
Negative Supply Voltage (VEE)
-20 V
Input Voltage (VIN MAX)VCC + 0.5V, VEE - 0.5V
Output Short-Circuit Duration (tSH)
Continuous
Lead Temp. (TLEAD) (Soldering 10 sec)
260 °C
Operating Temperature Range (TOP)
-40 to +85°C
Storage Temperature Range (TST)
-40 to +125°C
Junction Temperature (TJ)
150°C
Absolute Maximum Ratings2,3
SPECIFICATIONS1
1510
1512
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
Supply Current
ICC, -IEE
No signal
—
6.0
7.9
—
6.0
7.9
mA
VCC = -VEE = 20V
—
—
8.0
—
—
8.0
mA
Input Bias Current
IB
No signal; Either input
—
4.8
14
—
4.8
14
µA
connected to GND
Input Offset Current
IB-OFF
No signal
-1.4
—
+1.4
-1.4
—
+1.4
µA
Offset Voltage
Output Stage Output Offset
VosOO
No Signal, VCM=0
-5
—
+5
-5
—
+5
mV
Input Stage Input Offset
VosII
-250
—
+250
-250
—
+250
µV
Total Output Offset
G=voltage gain
-5-0.25G
5+0.25G -5-0.25G
5+0.25G
mV
Input Voltage Range
Common Mode
VIN-CM
Common mode, all gains
—
± 13
—
—
± 13
—
V
Differential Mode
VIN-UNBAL
Unbalanced
-13
—
+13
-13
—
+13
V
One input to GND, 0dB gain
Differential Gain
Gdiff
0
—
70
-6
—
64
dB
Ref Input Voltage Range
—
± 8
—
—
± 8
—
V
Ref Input Impedance
—
10
—
—
15
—
k
Ω
Ref Input Gain to Output
—
0
—
—
0
—
dB
Input Impedance
ZIN-DIFF
Differential
0dB gain
—
32||1.9
—
—
37||1.9
—
M
Ω||pF
20dB gain
—
32||2.0
—
—
37||2.0
—
M
Ω||pF
40dB gain
—
32||2.5
—
—
36||3.1
—
M
Ω||pF
60dB gain
—
29||8.0
—
— 31||13.9 —
M
Ω||pF
ZIN-CM
Common mode
all gains
—
8||7.7
—
—
9||7.7
—
M
Ω||pF
Electrical Characteristics2
1. All specifications are subject to change without notice.
2. Unless otherwise noted, TA=25ºC, VCC=+15V, VEE= -15V.
3. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only; the functional operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not impli ed. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Positive Supply Voltage
VCC
+5
+20
V
Negative Supply Voltage
VEE
-5
-20
V
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com