Electronic Components Datasheet Search
  English  ▼

X  

THAT1510 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # THAT1510
Description  Low-Noise, High Performance Audio Preamplifier IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

THAT1510 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  THAT1510 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Figure 1. THAT 1510 / 1512 Equivalent Circuit Diagram
(THAT 1512 values shown in parentheses)
12
15
8
8
RG2
11
13
7
7
V+
9
11
6
6
Out
10
10
5
5
Ref
6
7
4
4
V-
5
5
3
3
+In
4
4
2
2
-In
3
2
1
1
RG1
SO14
Pkg
SO16
Pkg
SO8
Pkg
DIP8
Pkg
Pin
Name
Table 1. Pin Assignments
FEATURES
• Low Noise:
1 nV/√Hz input noise (60dB gain)
34 nV/√Hz input noise (0dB gain) (1512)
• Low THD+N (full audio bandwidth):
0.001% ≤ 40 dB gain
0.005% @ 60 dB gain
• Low Current: 6mA typ.
• Wide Bandwidth: 7MHz @ G=100
• High Slew Rate: 19 V/μs
• Wide Output Swing: ±13.3V on
±15V supplies
• Gain adjustable from 0 to >60 dB with
one external resistor
• Industry Standard Pinouts
APPLICATIONS
• Differential Low Noise Preamplifiers
• Differential Summing Amplifiers
• Differential Variable Gain Amplifiers
• Microphone Preamplifiers
• Moving-Coil Transducer Amplifiers
• Line Input Stages
• Audio
• Sonar
• Instrumentation
THAT 1510, 1512
The THAT 1510 and 1512 are high perform-
ance audio preamplifiers suitable for microphone
preamp and bus summing applications. The ICs
are available in a variety of packages and pin
configurations, making them pin compatible with
the Analog Devices SSM2019 and SSM2017
(discontinued), and the Texas Instruments
INA217 and INA163.
Gain for both parts is adjustable via one
external resistor, making it possible to control
gain over a wide range with a single-gang potenti-
ometer. The 1510 gain equation is identical to
that of the SSM 2019, reaching 6 dB gain with a
10 kΩ resistor. The 1512 reaches 0 dB gain with
a 10 kΩ resistor. Because the 1512 exhibits
significantly lower noise at lower gain settings, it
is recommended over the 1510 for new designs.
Designed from the ground up in THAT’s
complementary dielectric isolation process and
including laser-trimmed Si-Chrome thin film
resistors, the THAT 1510 and 1512 improve on
existing integrated microphone preamps by offer-
ing lower noise at low gains, wider bandwidth,
higher slew rate, lower distortion, and lower
supply current. The parts feature internal ESD
overload protection on all critical pins.
In short, the THAT 1510 and 1512 provide
superior performance in a popular format at an
affordable price.
Description
Low-Noise, High Performance
Audio Preamplifier IC
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2013, THAT Corporation. Document 600031 Rev 08
V+
V-
-In
RG2
RG1
+In
Out
Ref
+
-
5k
5k
(10k)
5k
5k
(10k)
5k
5k
Output Stage
Input Stage
RA
RB
-AV
-AV
Table 2. Ordering Information
1512S14-U
Inquire
1512S08-U
1512P08-U
1512
1510S14-U
1510W16-U
1510S08-U
1510P08-U
1510
SO14
Pkg
SO16
Pkg
SO8
Pkg
DIP8
Pkg
Part
Type


Similar Part No. - THAT1510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT1510 ETC-THAT1510 Datasheet
129Kb / 6P
Low Noise, High Performance Microphone Preamplifier IC
More results

Similar Description - THAT1510

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
LOW NOISE DUAL PREAMPLIFIER
logo
National Semiconductor ...
CLC5509 NSC-CLC5509 Datasheet
445Kb / 11P
Ultra-Low Noise Preamplifier
logo
STMicroelectronics
TDA7334 STMICROELECTRONICS-TDA7334 Datasheet
160Kb / 11P
LOW NOISE STEREO PREAMPLIFIER
Nov-1999
logo
List of Unclassifed Man...
THAT1510 ETC-THAT1510 Datasheet
129Kb / 6P
Low Noise, High Performance Microphone Preamplifier IC
logo
Hitachi Semiconductor
HA12017 HITACHI-HA12017 Datasheet
494Kb / 6P
LOW NOISE PREAMPLIFIER
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
Low Noise Preamplifier
logo
STMicroelectronics
TDA7232 STMICROELECTRONICS-TDA7232 Datasheet
567Kb / 12P
LOW NOISE PREAMPLIFIER COMPRESSOR
logo
List of Unclassifed Man...
NE542 ETC1-NE542 Datasheet
267Kb / 4P
DUAL LOW - NOISE PREAMPLIFIER
ECG1085 ETC1-ECG1085 Datasheet
155Kb / 3P
LO-NOISE AUDIO PREAMPLIFIER
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
Low Noise Dual Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com