Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64-Kbits), 1.65V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021E Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AT45DB021E Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 34Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 35Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 36Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 37Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
34
AT45DB021E
8789E–DFLASH–10/2013
12.
Manufacturer and Device ID Read
Identification information can be read from the device to enable systems to electronically query and identify the device
while it is in the system. The identification method and the command opcode comply with the JEDEC Standard for
“Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory Devices”. The type of
information that can be read from the device includes the JEDEC-defined Manufacturer ID, the vendor-specific
Device ID, and the vendor-specific Extended Device Information.
The Read Manufacturer and Device ID command is limited to a maximum clock frequency of fCLK. Since not all Flash
devices are capable of operating at very high clock frequencies, applications should be designed to read the
identification information from the devices at a reasonably low clock frequency to ensure that all devices to be used in the
application can be identified properly. Once the identification process is complete, the application can then increase the
clock frequency to accommodate specific Flash devices that are capable of operating at the higher clock frequencies.
To read the identification information, the CS pin must first be asserted, and then the opcode 9Fh must be clocked into
the device. After the opcode has been clocked in, the device will begin outputting the identification data on the SO pin
during the subsequent clock cycles. The first byte to be output will be the Manufacturer ID, followed by two bytes of the
Device ID information. The fourth byte output will be the Extended Device Information (EDI) String Length, which will be
01h, indicating that one byte of EDI data follows. After the one byte of EDI data is output, the SO pin will go into a
high-impedance state; therefore, additional clock cycles will have no affect on the SO pin and no data will be output. As
indicated in the JEDEC Standard, reading the EDI String Length and any subsequent data is optional.
Deasserting the CS pin will terminate the Manufacturer and Device ID Read operation and put the SO pin into a
high-impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
Table 12-1. Manufacturer and Device ID Information
Byte No.
Data Type
Value
1
Manufacturer ID
1Fh
2
Device ID (Byte 1)
23h
3
Device ID (Byte 2)
00h
4
[Optional to Read] Extended Device Information (EDI) String Length
01h
5
[Optional to Read] EDI Byte 1
00h
Table 12-2. Manufacturer and Device ID Details
Data Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
Value
Details
Manufacturer ID
JEDEC Assigned Code
1Fh
JEDEC code: 0001 1111 (1Fh for Adesto)
0
0
0
1
1
1
1
1
Device ID (Byte 1)
Family Code
Density Code
23h
Family code: 001 (AT45Dxxx Family)
Density code: 00011 (2-Mbit)
0
0
1
0
0
0
1
1
Device ID (Byte 2)
Sub Code
Product Variant
00h
Sub code:
000 (Standard Series)
Product variant:00000
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com