Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021E Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64-Kbits), 1.65V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021E Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button AT45DB021E Datasheet HTML 58Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 59Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 60Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 61Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 62Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 63Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 64Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 65Page - List of Unclassifed Manufacturers AT45DB021E Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
62
AT45DB021E
8789E–DFLASH–10/2013
27.2 Ordering Codes (Standard DataFlash Page Size)
Notes: 1. The shipping carrier suffix is not marked on the device.
2. Not recommended for new design. Use the 8S1 package option.
27.3 Ordering Codes (Binary Page Mode)
Notes: 1. The shipping carrier suffix is not marked on the device.
2. Not recommended for new design. Use the 8S1 package option.
3. Parts ordered with suffix code ‘2B’ are shipped in tape and reel (T&R) with the page size set to
256 bytes. This option is only available for shipping in T&R (-T).
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK
Device Grade
AT45DB021E-SSHN-B (1)
8S1
NiPdAu
1.65V to 3.6V
70MHz
Industrial
(-40
C to 85C)
AT45DB021E-SSHN-T(1)
AT45DB021E-SHN-B(1)(2)
8S2
AT45DB021E-SHN-T(1)(2)
AT45DB021E-MHN-Y(1)
8MA1
AT45DB021E-MHN-T(1)
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK
Device Grade
AT45DB021E-SSHN2B-T(1)(3)
8S1
NiPdAu
1.65V to 3.6V
70MHz
Industrial
(-40
C to 85C)
AT45DB021E-SHN2B-T(1)(2)(3)
8S2
AT45DB021E-MHN2B-T (1)(3)
8MA1
Package Type
8S1
8-lead 0.150" wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8S2
8-lead 0.208" wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
8MA1
8-pad (5 x 6 x 0.6mm body), Thermally Enhanced Plastic Ultra Thin Dual Flat No-lead (UDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com