Electronic Components Datasheet Search
  English  ▼

X  

TSV992IST Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TSV992IST
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSV992IST Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TSV992IST Datasheet HTML 1Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 2Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 3Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 4Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 5Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 6Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 7Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 8Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TSV99x, TSV99xA
Absolute maximum ratings and operating conditions
Doc ID 12833 Rev 9
3/25
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
Value with respect to VDD pin.
6V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±VCC
V
Vin
Input voltage(3)
3.
VCC-Vin must not exceed 6 V.
VCC- -0.2 to VCC+ +0.2
V
Iin
Input current(4)
4.
Input current must be limited by a resistor in series with the inputs.
10
mA
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(5)(6)
DFN8 2x2
SOT23-5
SO-8
MiniSO-8
SO-14
TSSOP14
5.
Short-circuits can cause excessive heating and destructive dissipation.
6.
Rth are typical values.
57
250
125
190
103
100
°C/W
Rthjc
Thermal resistance junction to case
SOT23-5
SO-8
MiniSO-8
SO-14
TSSOP14
81
40
39
31
32
°C/W
Tj
Maximum junction temperature
150
°C
ESD
HBM: Human body model(7)
7.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
5kV
MM: Machine model(8)
8.
Machine model: 200 pF charged to the specified voltage, then discharged directly between two pins of the
device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin combinations with
other pins floating.
400
V
CDM: Charged device model(9)
SOT23-5, SO-8, MiniSO-8
DFN8 2x2
TSSOP14
SO-14
9.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1500
1500
750
500
V
Latch-up immunity
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com