Electronic Components Datasheet Search
  English  ▼

X  

TSV992IST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSV992IST
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSV992IST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSV992IST Datasheet HTML 1Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 2Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 3Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 4Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 5Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 6Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 7Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 8Page - List of Unclassifed Manufacturers TSV992IST Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
October 2012
Doc ID 12833 Rev 9
1/25
25
TSV991, TSV992, TSV994,
TSV991A, TSV992A, TSV994A
Rail-to-rail input/output 20 MHz GBP operational amplifiers
Datasheet
−production data
Features
■
Low input offset voltage: 1.5 mV max (A grade)
■
Rail-to-rail input and output
■
Wide bandwidth 20 MHz
■
Stable for gain
≥ 4 or ≤ -3
■
Low power consumption: 820 µA typ
■
High output current: 35 mA
■
Operating from 2.5 V to 5.5 V
■
Low input bias current, 1 pA typ
■
ESD internal protection
≥ 5 kV
Related products
■
See TSV91 series for unity-gain stable
amplifiers
Applications
■
Battery-powered applications
■
Portable devices
■
Signal conditioning and active filtering
■
Medical instrumentation
■
Automotive applications
Description
The TSV991, TSV992 and TSV994 family of
single, dual, and quad operational amplifiers
offers low voltage operation and rail-to-rail input
and output.
These devices feature an excellent speed/power
consumption ratio, offering a 20 MHz gain-
bandwidth, stable for gains above 4 (100 pF
capacitive load), while consuming only 1.1 mA
maximum at 5 V. They also feature an ultra-low
input bias current.
These characteristics make the TSV99x family
ideal for sensor interfaces, battery-supplied and
portable applications, as well as active filtering.
SOT23-5
MiniSO-8, SO-8
Pin connections
(top view)
SO-14, TSSOP14
DFN8 2x2
www.st.com


Similar Part No. - TSV992IST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV992IST STMICROELECTRONICS-TSV992IST Datasheet
483Kb / 18P
Rail-to-rail input/output 20MHz GBP operational amplifiers
12-Dec-2006
TSV992IST STMICROELECTRONICS-TSV992IST Datasheet
515Kb / 18P
Rail-to-rail input/output 20 MHz GBP operational amplifiers
11-Feb-2008
More results

Similar Description - TSV992IST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8616 AD-AD8616 Datasheet
495Kb / 16P
Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
4/04-Data Sheet Changed from Rev. 0 to Rev. A
AD8615 AD-AD8615 Datasheet
190Kb / 5P
Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991 Datasheet
483Kb / 18P
Rail-to-rail input/output 20MHz GBP operational amplifiers
12-Dec-2006
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
Rail-to-rail input/output 20 MHz GBP operational amplifiers
11-Feb-2008
logo
Analog Devices
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com