Electronic Components Datasheet Search
  English  ▼

X  

QID3320002 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # QID3320002
Description  Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID3320002 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  QID3320002 Datasheet HTML 1Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 2Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 3Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 4Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 5Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
QID3320002
Dual IGBT HVIGBT Module
200 Amperes/3300 Volts
6
01/13 Rev. 8
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
COLLECTOR EMITTER VOLTAGE, V
CES, (VOLTS)
550
440
330
220
110
0
2000
1000
3000
0
REVERSE BIAS SAFE
OPERATING AREA (TYPICAL)
VCC ≤ 2500V
VGE = +15V/-8V
RG(off) = 50Ω
Tj = 150°C
4000
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi)
1.2
1.0
10-1
10-2
10-3
100
101
0.8
0.6
0.4
0.2
0
Single Pulse
TC = 25°C
Per Unit Base =
Rth(j-c) =
0.074°C/W
(IGBT)
Rth(j-c) =
0.11°C/W
(FWDi)
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
550
440
330
220
110
0
2000
1000
3000
0
FREE-WHEEL DIODE
REVERSE RECOVERY SAFE
OPERATING AREA (TYPICAL)
VCC ≤ 2500V
di/dt = 1kA/µs
Tj = 150°C
4000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com