Electronic Components Datasheet Search
  English  ▼

X  

QID3320002 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # QID3320002
Description  Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID3320002 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  QID3320002 Datasheet HTML 1Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 2Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 3Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 4Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 5Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual IGBT
HVIGBT Module
200 Amperes/3300 Volts
QID3320002
1
01/13 Rev. 8
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
5.51
140.0
B
2.87
73.0
C
1.89
48.0
D
4.88±0.01
124.0±0.25
E
2.24±0.01
57.0±0.25
F
1.18
30.0
G
0.43
11.0
H
1.07
27.15
J
0.20
5.0
K
1.65
42.0
Description:
Powerex IGBT Modules are
designed for use in switching
applications. Each module consists
of two IGBT Transistors in a
half-bridge configuration with each
transistor having a reverse-
connected super-fast recovery
free-wheel diode. All components
and interconnects are isolated
from the heat sinking baseplate,
offering simplified system assembly
and thermal management.
Features:
Advanced Mitsubishi R-Series
Chip Technology
Low VCE(sat)
Creepage and Clearance
meet IEC 60077-1
High Isolation Voltage
Rugged SWSOA and RRSOA
Compact Industry Standard
Package
Applications:
Medium Voltage Drives
High Voltage Power Supplies
Dimensions
Inches
Millimeters
L
0.69±0.01
17.5±0.25
M
0.38
9.75
N
0.20
5.0
P
0.22
5.5
Q
1.44
36.5
R
0.16
4.0
S
M6 Metric
M6
T
0.63 Min.
16.0 Min.
U
0.11 x 0.02
2.8 x 0.5
V
0.28 Dia.
7.0 Dia.
3
2
1
N
J (2TYP)
S NUTS
(3TYP)
H
H
V (4TYP)
M
G (3TYP)
R (DEEP)
E
B
K
(3TYP)
L
(2TYP)
P
U (5TYP)
T (SCREWING
DEPTH)
Q
1
2
3
4
5
6
7
8
F
F
D
A
C


Similar Part No. - QID3320002

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QID3320004 POWEREX-QID3320004 Datasheet
572Kb / 6P
Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
More results

Similar Description - QID3320002

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM200HG-130H POWEREX-CM200HG-130H Datasheet
583Kb / 5P
Single IGBTMOD HVIGBT Module 200 Amperes/6500 Volts
CM1200DB-34N POWEREX-CM1200DB-34N Datasheet
536Kb / 6P
Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
CM1200DC-34N POWEREX-CM1200DC-34N Datasheet
494Kb / 6P
Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
QID4515002 POWEREX-QID4515002 Datasheet
656Kb / 5P
Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
QID3310006 POWEREX-QID3310006 Datasheet
572Kb / 6P
Dual IGBT HVIGBT Module 100 Amperes/3300 Volts
QID3320004 POWEREX-QID3320004 Datasheet
572Kb / 6P
Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID3330001 POWEREX-QID3330001 Datasheet
485Kb / 6P
Dual IGBT HVIGBT Module 300 Amperes/3300 Volts
QID3340001 POWEREX-QID3340001 Datasheet
504Kb / 6P
Dual IGBT HVIGBT Module 400 Amperes/3300 Volts
QID3350001 POWEREX-QID3350001 Datasheet
503Kb / 6P
Dual IGBT HVIGBT Module 500 Amperes/3300 Volts
QID6508001 POWEREX-QID6508001 Datasheet
592Kb / 7P
Dual IGBT HVIGBT Module 85 Amperes/6500 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com