Electronic Components Datasheet Search
  English  ▼

X  

LM359 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM359
Description  LM359 Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM359 Datasheet(HTML) 1 Page - Texas Instruments

  LM359 Datasheet HTML 1Page - Texas Instruments LM359 Datasheet HTML 2Page - Texas Instruments LM359 Datasheet HTML 3Page - Texas Instruments LM359 Datasheet HTML 4Page - Texas Instruments LM359 Datasheet HTML 5Page - Texas Instruments LM359 Datasheet HTML 6Page - Texas Instruments LM359 Datasheet HTML 7Page - Texas Instruments LM359 Datasheet HTML 8Page - Texas Instruments LM359 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LM359
www.ti.com
SNOSBT4C – MAY 1999 – REVISED MARCH 2013
LM359 Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
Check for Samples: LM359
1
FEATURES
APPLICATIONS
2
•
User Programmable Gain Bandwidth Product,
•
General Purpose Video Amplifiers
Slew Rate, Input Bias Current, Output Stage
•
High Frequency, High Q Active Filters
Biasing Current and Total Device Power
•
Photo-Diode Amplifiers
Dissipation
•
Wide Frequency Range Waveform Generation
•
High Gain Bandwidth Product (ISET = 0.5 mA)
Circuits
–
400 MHz for AV = 10 to 100
•
All LM3900 AC Applications Work to Much
–
30 MHz for AV = 1
Higher Frequencies
•
High Slew Rate (ISET = 0.5 mA)
DESCRIPTION
–
60 V/
μs for AV = 10 to 100
The LM359 consists of two current differencing
–
30 V/
μs for AV = 1
(Norton) input amplifiers. Design emphasis has been
•
Current Differencing Inputs Allow High
placed on obtaining high frequency performance and
Common-Mode Input Voltages
providing user programmable amplifier operating
characteristics. Each amplifier is broadbanded to
•
Operates from a Single 5V to 22V Supply
provide a high gain bandwidth product, fast slew rate
•
Large Inverting Amplifier Output Swing, 2 mV
and stable operation for an inverting closed loop gain
to VCC − 2V
of
10
or
greater.
Pins
for
additional
external
•
Low Spot Noise, 6 nV /
√Hz, for f > 1 kHz
frequency compensation are provided. The amplifiers
are designed to operate from a single supply and can
accommodate input common-mode voltages greater
than the supply.
Typical Application
Connection Diagram
Figure 1. PDIP/SOIC Package
Top View
See Package Number D0014A or NFF0014A
•
AV = 20 dB
•
−3 dB bandwidth = 2.5 Hz to 25 MHz
•
Differential phase error < 1° at 3.58
MHz
•
Differential gain error < 0.5% at 3.58
MHz
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM359

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM359 NSC-LM359 Datasheet
742Kb / 24P
Dual, High Speed, Programmable, Current Mode Norton Amplifiers
logo
Texas Instruments
LM359 TI1-LM359 Datasheet
1Mb / 34P
Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
logo
National Semiconductor ...
LM3590 NSC-LM3590 Datasheet
205Kb / 9P
LM3590Series White LED Driver
LM3595 NSC-LM3595 Datasheet
233Kb / 11P
The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
LM3595LD NSC-LM3595LD Datasheet
233Kb / 11P
The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
More results

Similar Description - LM359

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM359 NSC-LM359 Datasheet
742Kb / 24P
Dual, High Speed, Programmable, Current Mode Norton Amplifiers
logo
NTE Electronics
NTE869 NTE-NTE869 Datasheet
25Kb / 3P
Integrated Circuit Dual, High Speed, Programmable Current Mode (Norton) Amp
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
Mar-1998
logo
Linear Technology
LT6210 LINER-LT6210 Datasheet
457Kb / 16P
Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
logo
Texas Instruments
LM2900DE4 TI-LM2900DE4 Datasheet
618Kb / 16P
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM2900J TI-LM2900J Datasheet
618Kb / 16P
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT6210 LINER-LT6210_15 Datasheet
351Kb / 18P
Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
LT6211 LINER-LT6211_15 Datasheet
351Kb / 18P
Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
logo
Texas Instruments
LM359 TI1-LM359 Datasheet
1Mb / 34P
Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com