Electronic Components Datasheet Search
  English  ▼

X  

LM359 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM359
Description  LM359 Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM359 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM359 Datasheet HTML 16Page - Texas Instruments LM359 Datasheet HTML 17Page - Texas Instruments LM359 Datasheet HTML 18Page - Texas Instruments LM359 Datasheet HTML 19Page - Texas Instruments LM359 Datasheet HTML 20Page - Texas Instruments LM359 Datasheet HTML 21Page - Texas Instruments LM359 Datasheet HTML 22Page - Texas Instruments LM359 Datasheet HTML 23Page - Texas Instruments LM359 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LM359
SNOSBT4C – MAY 1999 – REVISED MARCH 2013
www.ti.com
•
FET input voltage mode op amp
•
For AV = +1; BW = 40 MHz, Sr = 60 V/μs; CC = 51 pF
•
For AV = +11; BW = 24 MHz, Sr = 130 V/μs; CC = 5 pF
•
For AV = +100; BW = 4.5 MHz, Sr = 150 V/μs; CC = 2 pF
•
VOS is typically <25 mV; 100Ω potentiometer allows a VOS adjust range of ≈ ±200 mV
•
Inputs must be DC biased for single supply operation
Figure 43. Adding a JFET Input Stage
D1
∼ RCA N-Type Silicon P-I-N Photodiode
•
Frequency response of greater than 10 MHz
•
If slow rise and fall times can be tolerated the gate on the output can be removed. In this case the rise and the
fall time of the LM359 is 40 ns.
•
TPDL = 45 ns, TPDH = 50 ns − T
2L output
Figure 44. Photo Diode Amplifier
20
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com