Electronic Components Datasheet Search
  English  ▼

X  

LM359M Datasheet(PDF) 11 Page - Texas Instruments

Part # LM359M
Description  LM359 Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM359M Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM359M Datasheet HTML 7Page - Texas Instruments LM359M Datasheet HTML 8Page - Texas Instruments LM359M Datasheet HTML 9Page - Texas Instruments LM359M Datasheet HTML 10Page - Texas Instruments LM359M Datasheet HTML 11Page - Texas Instruments LM359M Datasheet HTML 12Page - Texas Instruments LM359M Datasheet HTML 13Page - Texas Instruments LM359M Datasheet HTML 14Page - Texas Instruments LM359M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LM359
www.ti.com
SNOSBT4C – MAY 1999 – REVISED MARCH 2013
(1)
where Ccomp is the total capacitance from the compensation pin (pin 3 or pin 13) to ground, AVOL is the low
frequency open loop voltage gain in V/V and an ambient temperature of 25°C is assumed (KT/q = 26 mV and
βtyp = 150). ISET(IN) also controls the DC input bias current by the expression:
(2)
which is important for DC biasing considerations.
The total device supply current (for both amplifiers) is also a direct function of the set currents and can be
approximated by:
Isupply ≃ 27 × ISET(OUT) + 11 × ISET(IN)
(3)
with each set current programmed by individual resistors.
PROGRAMMING WITH A SINGLE RESISTOR
Operating current programming may also be accomplished using only one resistor by letting ISET(IN) equal
ISET(OUT). The programming current is now referred to as ISET and it is created by connecting a resistor from pin 1
to pin 8 (Figure 30).
(4)
ISET(IN) = ISET(OUT) = ISET
Figure 30. Single Resistor Programming of ISET
This configuration does not affect any of the internal set current dependent parameters differently than previously
discussed except the total supply current which is now equal to:
Isupply ≃ 37 × ISET
(5)
Care must be taken when using resistors to program the set current to prevent significantly increasing the supply
voltage above the value used to determine the set current. This would cause an increase in total supply current
due to the resulting increase in set current and the maximum device power dissipation could be exceeded. The
set resistor value(s) should be adjusted for the new supply voltage.
One method to avoid this is to use an adjustable current source which has voltage compliance to generate the
set current as shown in Figure 31.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com