Electronic Components Datasheet Search
  English  ▼

X  

LM359M Datasheet(PDF) 16 Page - Texas Instruments

Part # LM359M
Description  LM359 Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM359M Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM359M Datasheet HTML 12Page - Texas Instruments LM359M Datasheet HTML 13Page - Texas Instruments LM359M Datasheet HTML 14Page - Texas Instruments LM359M Datasheet HTML 15Page - Texas Instruments LM359M Datasheet HTML 16Page - Texas Instruments LM359M Datasheet HTML 17Page - Texas Instruments LM359M Datasheet HTML 18Page - Texas Instruments LM359M Datasheet HTML 19Page - Texas Instruments LM359M Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LM359
SNOSBT4C – MAY 1999 – REVISED MARCH 2013
www.ti.com
DESIGN EXAMPLE
eIN = 50 mV (MAX), fIN = 10 MHz (MAX), desired circuit BW = 20 MHz, AV = 20 dB, driving source impedance =
75
Ω, V+ = 12V.
1. Basic circuit configuration:
2. Select ISET to provide adequate amplifier bandwidth so that the closed loop bandwidth will be determined by
Rf and Cf. To do this, the set current should program an amplifier open loop gain of at least 20 dB at the
desired closed loop bandwidth of the circuit. For this example, an ISET of 0.5 mA will provide 26 dB of open
loop
gain
at
20
MHz
which
will
be
sufficient.
Using
single
resistor
programming
for
ISET:
3. Since the closed loop bandwidth will be determined by
to obtain a 20 MHz bandwidth,
both Rf and Cf should be kept small. It can be assumed that Cf can be in the range of 1 pF to 5 pF for
carefully constructed circuit boards to insure stability and allow a flat frequency response. This will limit the
value of Rf to be within the range of:
Also, for a closed loop gain of +10, Rf
must be 10 times Rs + re where re is the mirror diode resistance.
4. So as not to appreciably load the 75
Ω input termination resistance the value of (Rs + re) is set to 750Ω.
5. For Av = 10; Rf is set to 7.5 kΩ.
6. The optimum output DC level for symmetrical AC swing is:
7. The DC feedback current must be:
DC biasing predictability will be insured
because 640
μA is greater than the minimum of ISET/5 or 100 μA.
8. For gain accuracy the total AC and DC mirror current should be less than 2 mA. For this example the
maximum AC mirror current will be:
therefore the total mirror current range will be 574
μA to 706 μA which will insure gain accuracy.
9. Rb can now be found:
10. Since Rs + re will be 750Ω and re is fixed by the DC mirror current to be:
Rs must
be 750
Ω–40Ω or 710Ω which can be a 680Ω resistor in series with a 30Ω resistor which are standard 5%
tolerance resistor values.
16
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com